Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3 Datasheet(PDF) 32 Page - TEKTRONIX, INC.

Part # SC3
Description  Mixed Domain Oscilloscopes
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

SC3 Datasheet(HTML) 32 Page - TEKTRONIX, INC.

Back Button SC3 Datasheet HTML 28Page - TEKTRONIX, INC. SC3 Datasheet HTML 29Page - TEKTRONIX, INC. SC3 Datasheet HTML 30Page - TEKTRONIX, INC. SC3 Datasheet HTML 31Page - TEKTRONIX, INC. SC3 Datasheet HTML 32Page - TEKTRONIX, INC. SC3 Datasheet HTML 33Page - TEKTRONIX, INC. SC3 Datasheet HTML 34Page - TEKTRONIX, INC. SC3 Datasheet HTML 35Page - TEKTRONIX, INC. SC3 Datasheet HTML 36Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
THDP0200
±1.5 kV, 200 MHz TekVPI® high-voltage differential probe
TMDP0200
±750 V, 200 MHz TekVPI® high-voltage differential probe
TIVM1 / L
Isolated Probe; 1 GHz, ±50 V, TekVPI, 10 Meter Cable
P6246
400 MHz differential active FET probe (Level II TekProbe)
P6427
1 GHz differential active FET probe (Level II TekProbe)
P5100
2.5 kV, 100x high voltage probe (Level II TekProbe)
TCP0020
20 A AC/DC TekVPI® current probe, 50 MHz BW
TCP0030A
30 A AC/DC TekVPI® current probe, 120 MHz BW
TCP0150
150 A AC/DC TekVPI® current probe, 20 MHz BW
A621
2000 A AC Current probe/BNC
A622
100 A AC/DC Current probe/BNC
TCPA300
AC/DC current probe, DC to 100 MHz, (Requires TCP305A or TCP312A or TCP303 probes)
TCPA400
AC/DC current probe, DC to 50 MHz, (Requires TCP404XL probe)
TCP303
15MHz AC/DC 150A current probe for TCPA300
TCP305
50MHz AC/DC 50A current probe for TCPA300
TCP312
100MHz AC/DC 30A current probe for TCPA300
TCP404XL
2 MHz AC/DC 500A current probe for TCPA400
ADA400A
100x, 10x, 1x, 0.1x high gain differential amplifier
P6316
16 Channel Logic Probe
Accessories
TPA-N-PRE
Preamplifier, 12 dB nominal Gain, 9 kHz - 6 GHz
TPA-N-VPI
N-to-TekVPI adapter
119-4146-00
Near field probe set, 100 kHz - 1 GHz
119-6609-00
Flexible monopole antenna
077-1500-xx
Service manual, download from Web (English only)
TPA-BNC
TekVPI® to TekProbe™ BNC adapter
TEK-DPG
TekVPI Deskew pulse generator signal source
067-1686-xx
Power measurement deskew and calibration fixture
TEK-USB-488
GPIB-to-USB adapter
RM3
Rackmount kit
HC3
Hard transit case
SC3
Soft transit case (includes front protective cover)
200-5480-xx
Front protective cover
Datasheet
32 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com