Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3 Datasheet(PDF) 4 Page - TEKTRONIX, INC.

Part # SC3
Description  Mixed Domain Oscilloscopes
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

SC3 Datasheet(HTML) 4 Page - TEKTRONIX, INC.

  SC3 Datasheet HTML 1Page - TEKTRONIX, INC. SC3 Datasheet HTML 2Page - TEKTRONIX, INC. SC3 Datasheet HTML 3Page - TEKTRONIX, INC. SC3 Datasheet HTML 4Page - TEKTRONIX, INC. SC3 Datasheet HTML 5Page - TEKTRONIX, INC. SC3 Datasheet HTML 6Page - TEKTRONIX, INC. SC3 Datasheet HTML 7Page - TEKTRONIX, INC. SC3 Datasheet HTML 8Page - TEKTRONIX, INC. SC3 Datasheet HTML 9Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Exceptionally easy-to-use user interface lets
you focus on the task at hand
The Settings Bar - key parameters and waveform management
Waveform and scope operating parameters are displayed in a series of
badges in the Settings Bar that runs along the bottom of the display. The
Settings Bar provides immediate access for the most common waveform
management tasks. With a single tap, you can:
Turn on channels
Add math waveforms
Add reference waveforms
Add bus waveforms
Enable 16 digital channels MSO
Enable the Spectrum Analyzer
Enable the integrated Arbitrary/Function generator (AFG)
Enable the integrated digital voltmeter (DVM)
The Results Bar - analysis and measurements
The Results Bar on the right side of the display includes immediate, one-
tap access to the most common analytical tools such as cursors,
measurements, searches and bus decode results tables.
Cursors, measurements and search results badges are displayed in the
Results Bar without sacrificing any waveform viewing area. For additional
waveform viewing area, the Results Bar can be dismissed and brought
back at any time.
Configuration menus are accessed by simply double-tapping on the item of interest on
the display. In this case, the Channel badge was double-tapped to open the channel
configuration menu. Menus are dismissed by simply tapping outside of them.
Touch interaction finally done right
Scopes have included touch screens for years, but the touch screen has
been an afterthought. The 3 Series MDO 11.6" display includes a
capacitive touchscreen and provides a user interface truly designed for
touch.
The touch interactions that you use with phones and tablets, and expect in
a touch enabled device, are supported in the 3 Series MDO.
Drag waveforms left/right or up/down to adjust horizontal and vertical
position or to pan a zoomed view
Pinch and expand to change scale or zoom in/out in either horizontal or
vertical directions
Swipe in from the right to reveal the Results Bar or down from the top
to access the menus in the upper left corner of the display
Smooth, responsive front panel controls allow you to make adjustments
with familiar knobs and buttons, and you can add a mouse or keyboard as
a third interaction method.
Interact with the capacitive touch display in the same way you do on your phones and
tablets.
Datasheet
4 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com