Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3 Datasheet(PDF) 12 Page - TEKTRONIX, INC.

Part # SC3
Description  Mixed Domain Oscilloscopes
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

SC3 Datasheet(HTML) 12 Page - TEKTRONIX, INC.

Back Button SC3 Datasheet HTML 8Page - TEKTRONIX, INC. SC3 Datasheet HTML 9Page - TEKTRONIX, INC. SC3 Datasheet HTML 10Page - TEKTRONIX, INC. SC3 Datasheet HTML 11Page - TEKTRONIX, INC. SC3 Datasheet HTML 12Page - TEKTRONIX, INC. SC3 Datasheet HTML 13Page - TEKTRONIX, INC. SC3 Datasheet HTML 14Page - TEKTRONIX, INC. SC3 Datasheet HTML 15Page - TEKTRONIX, INC. SC3 Datasheet HTML 16Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Serial Protocol Triggering and Analysis
(optional)
On a serial bus, a single signal often includes address, control, data, and
clock information. This can make isolating events of interest difficult.
Automatic trigger, decode, and search on bus events and conditions gives
you a robust set of tools for debugging serial buses. The optional serial
protocol triggering and analysis functionality is offered free for a 30-day trial
period. This free trial period starts automatically when the instrument is
powered on for the first time.
Triggering on a specific address and data packet going across an I2C bus. The yellow
waveform is clock and the blue waveform is the data. A bus waveform provides decoded
packet content including Start, Address, Read/Write, Data, and Stop.
Serial triggering
Trigger on packet content such as start of packet, specific addresses,
specific data content, unique identifiers, etc. on popular serial interfaces
such as I2C, SPI, RS-232/422/485/UART, USB2.0, CAN, CAN FD, LIN,
FlexRay, MIL-STD-1553, ARINC429, and I2S/LJ/RJ/TDM.
Bus display
Provides a higher-level, combined view of the individual signals (clock,
data, chip enable, etc.) that make up your bus, making it easy to identify
where packets begin and end and identifying sub-packet components such
as address, data, identifier, CRC, etc.
Bus decoding
Tired of having to visually inspect the waveform to count clocks, determine
if each bit is a 1 or a 0, combine bits into bytes, and determine the hex
value? Let the oscilloscope do it for you! Once you’ve set up a bus, the
3 Series MDO will decode each packet on the bus, and display the value in
hex, binary, decimal (USB, CAN, CAN FD, LIN, FlexRay, MIL-STD-1553,
and ARINC429 only), signed decimal (I2S/LJ/RJ/TDM only), or ASCII (USB,
MIL-STD-1553 and RS-232/422/485/UART only) in the bus waveform.
Serial bus technologies supported by the 3 Series MDO
Technology
Trigger, Decode,
Search
Order product
Embedded
I2C
Yes
3-SREMBD
SPI
Yes
3-SREMBD
Computer
RS232/422/485,
UART
Yes
3-SRCOMP
USB
USB LS, FS, HS
Yes (trigger on LS
and FS only; HS
decode only on
1 GHz models)
3-SRUSB2
Automotive
CAN, CAN FD
Yes
3-SRAUTO
LIN
Yes
3-SRAUTO
FlexRay
Yes
3-SRAUTO
Military and
Aerospace
MIL-STD-1553,
ARINC429
Yes
3-SRAERO
Audio
I2S
Yes
3-SRAUDIO
LJ, RJ
Yes
3-SRAUDIO
TDM
Yes
3-SRAUDIO
Event table
In addition to seeing decoded packet data on the bus waveform itself, you
can view all captured packets in a tabular view much like you would see in
a software listing. Packets are time stamped and listed consecutively with
columns for each component (Address, Data, etc.). You can save the event
table data in .CSV format.
Event table showing decoded identifier, DLC, DATA, and CRC for every CAN packet in a
long acquisition.
Datasheet
12 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com