Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT661ESA Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT661ESA
Description  High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT661ESA Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT661ESA Datasheet HTML 2Page - Catalyst Semiconductor CAT661ESA Datasheet HTML 3Page - Catalyst Semiconductor CAT661ESA Datasheet HTML 4Page - Catalyst Semiconductor CAT661ESA Datasheet HTML 5Page - Catalyst Semiconductor CAT661ESA Datasheet HTML 6Page - Catalyst Semiconductor CAT661ESA Datasheet HTML 7Page - Catalyst Semiconductor CAT661ESA Datasheet HTML 8Page - Catalyst Semiconductor CAT661ESA Datasheet HTML 9Page - Catalyst Semiconductor CAT661ESA Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CAT661
6
Doc. No. 5003, Rev. J
TYPICAL OPERATING CHARACTERISTICS
Typical characteristic curves are generated using the circuit in Figure 2. Doubler test conditions are: V+ 5V, LV = GND,
BOOST/FC = Open and TA = 25˚C unless otherwise indicated.
Figure 2. Test Circuit Voltage Doubler
1
2
3
4
8
7
6
5
CAT661
External
Oscillator
C2
100µF
10V VOUT
V+
+
C1
100µF
BOOST/FC
CAP+
GND
CAP-
V+
OSC
LV
OUT
V+
5V
0
500
1000
1500
2000
2500
3000
01
234
56
INPUT VOLTAGE [V]
FC = open
FC = V+
0
2
4
6
8
10
12
34
56
INPUT VOLTAGE [V]
0.0
0.2
0.4
0.6
0.8
1.0
0
2040
6080
100
LOAD CURRENT [mA]
V+ = 3V
V+ = 5V
10
100
1000
10000
1
10
100
1000
OSCILLATOR FREQUENCY [KHz]
No Load
Supply Current vs. Input Voltage (No Load)
Output Resistance vs. Input Voltage
Supply Current vs. Oscillator Frequency
Output Voltage Drop vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com