Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT661ESA Datasheet(PDF) 14 Page - Catalyst Semiconductor

Part # CAT661ESA
Description  High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT661ESA Datasheet(HTML) 14 Page - Catalyst Semiconductor

Back Button CAT661ESA Datasheet HTML 8Page - Catalyst Semiconductor CAT661ESA Datasheet HTML 9Page - Catalyst Semiconductor CAT661ESA Datasheet HTML 10Page - Catalyst Semiconductor CAT661ESA Datasheet HTML 11Page - Catalyst Semiconductor CAT661ESA Datasheet HTML 12Page - Catalyst Semiconductor CAT661ESA Datasheet HTML 13Page - Catalyst Semiconductor CAT661ESA Datasheet HTML 14Page - Catalyst Semiconductor CAT661ESA Datasheet HTML 15Page - Catalyst Semiconductor CAT661ESA Datasheet HTML 16Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
CAT661
14
Doc. No. 5003, Rev. J
Notes:
1.
Complies with JEDEC Publication 95 MS001 dimensions; however, some of the dimensions may be more stringent.
2.
All linear dimensions are in inches and parenthetically in millimeters.
PACKAGE MECHANICAL DRAWINGS
8-LEAD 150 WIDE SOIC (S, X)
8-LEAD 300 MIL WIDE PLASTIC DIP (P)
Dimension D
Pkg
Min
Max
8L
0.1890(4.80)
0.1968(5.00)
Dimension D
Pkg
Min
Max
8L
0.355 (9.02)
0.400 (10.16)
0.149 (3.80)
0.1574 (4.00)
0.2284 (5.80)
0.2440 (6.20)
0.0532 (1.35)
0.0688 (1.75)
0.0040 (0.10)
0.0098 (0.25)
0.050 (1.27) BSC
0.013 (0.33)
0.020 (0.51)
0.0099 (0.25)
0.0196 (0.50)
0.0075 (0.19)
0.0098 (0.25)
0.016 (0.40)
0.050 (1.27)
0˚-8˚
X 45
˚
D
0.180 (4.57) MAX
0.015 (0.38)
—
0.100 (2.54)
BSC
0.014 (0.36)
0.022 (0.56)
D
0.245 (6.17)
0.295 (7.49)
0.045 (1.14)
0.060 (1.52)
0.110 (2.79)
0.150 (3.81)
0.120 (3.05)
0.150 (3.81)
0.300 (7.62)
0.325 (8.26)
0.310 (7.87)
0.380 (9.65)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com