Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT661ESA Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT661ESA
Description  High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT661ESA Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT661ESA Datasheet HTML 1Page - Catalyst Semiconductor CAT661ESA Datasheet HTML 2Page - Catalyst Semiconductor CAT661ESA Datasheet HTML 3Page - Catalyst Semiconductor CAT661ESA Datasheet HTML 4Page - Catalyst Semiconductor CAT661ESA Datasheet HTML 5Page - Catalyst Semiconductor CAT661ESA Datasheet HTML 6Page - Catalyst Semiconductor CAT661ESA Datasheet HTML 7Page - Catalyst Semiconductor CAT661ESA Datasheet HTML 8Page - Catalyst Semiconductor CAT661ESA Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CAT661
2
Doc. No. 5003, Rev. J
Oscillator Frequency
25kHz typical, 10kHz minimum
135kHz typical, 80kHz minimum
PIN CONFIGURATION
PIN DESCRIPTIONS
Circuit Configuration
Pin Number
Name
Inverter
Doubler
Boost/FC
Oscillator Frequency
Open
40kHz typical
V+
135kHz typical, 40kHz minimum
2
CAP+
Charge Pump Capacitor. Positive terminal.
Same as inverter.
3
GND
Power Supply Ground.
Power supply. Positive voltage input.
4
CAP-
Charge pump capacitor. Negative terminal.
Same as inverter.
5
OUT
Output for negative voltage.
Power supply ground.
6
LV
LV must be tied to OUT for all input
voltages.
8
V+
Power supply. Positive voltage input.
Positive voltage output.
Freqency Control for the internal oscillator.
With an external oscillator BOOST/FC has
no effect.
Same as inverter.
Low-Voltage selection pin. When the input
voltage is less than 3V, connect LV to GND.
For input voltages above 3V, LV may be
connected to GND or left open. If OSC is
driven externally, connect LV to GND.
Oscillator control input. An external capacitor
can be connected to lower the oscillator
frequency. An external oscillator can drive
OSC and set the chip operating frequency.
The charge-pump frequency is one-half the
frequency at OSC.
Same as inverter. Do not overdrive
OSC in doubling mode. Standard logic
levels will not be suitable. See the
applications section for additional
information.
7
OSC
1
Boost/FC
(Top View)
TDFN Package: 4mm x 4mm
0.8mm maximum height
SO Package (S, X)
TDFN Package (RD8, ZD8)
DIP Package (P)
ORDERING INFORMATION
Part Number
Package
Temperature Range
CAT661EPA
8 lead Plastic DIP
-40
°C to 85°C
CAT661ESA
8-lead SO
-40
°C to 85°C
CAT661ESA-TE13
8-lead SO, Tape & Reel
-40
°C to 85°C
CAT661EVA
8-lead SO (Lead-free, Halogen-free)
-40
°C to 85°C
CAT661EVA-TE13
8-lead SO (Lead-free, Halogen-free)
-40
°C to 85°C
CAT661ERD8
8-pad TDFN
-40
°C to 85°C
CAT661EZD8
8-pad TDFN (Lead-free, Halogen-free)
-40
°C to 85°C
8
7
6
5
1
2
3
4
BOOST/FC
CAP+
GND
CAP-
V+
OSC
LV
OUT
CAT661
8
7
6
5
1
2
3
4
BOOST/FC
CAP+
GND
CAP-
V+
OSC
LV
OUT
CAT661
8
7
6
5
1
2
3
4
BOOST/FC
CAP+
GND
CAP-
V+
OSC
LV
OUT
CAT661



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com