Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA1000. Datasheet(PDF) 4 Page - TEKTRONIX, INC.

Part # PA1000.
Description  Single Phase AC Power Analyzer Datasheet
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

PA1000. Datasheet(HTML) 4 Page - TEKTRONIX, INC.

  PA1000. Datasheet HTML 1Page - TEKTRONIX, INC. PA1000. Datasheet HTML 2Page - TEKTRONIX, INC. PA1000. Datasheet HTML 3Page - TEKTRONIX, INC. PA1000. Datasheet HTML 4Page - TEKTRONIX, INC. PA1000. Datasheet HTML 5Page - TEKTRONIX, INC. PA1000. Datasheet HTML 6Page - TEKTRONIX, INC. PA1000. Datasheet HTML 7Page - TEKTRONIX, INC. PA1000. Datasheet HTML 8Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Specifications
All specifications are guaranteed unless noted otherwise. All specifications apply to all models unless noted otherwise.
Available measurements
Vrms - Volts RMS
VTHD - Volts Total Harmonic Distortion
VDF - Voltage distortion factor
Arms - Amps RMS
ATHD - Amps Total Harmonic Distortion
ADF - Current distortion factor
WATT - True power
Z - Impedance
VA - Apparent power
R - Resistance
VAR - Reactive power
X - Reactance
FREQ - Frequency
HR - Integrator time
PF - Power factor
WHr - Watt Hours
VPK+ - Volts peak (positive)
VAHr - VA Hours
VPK- - Volts peak (negative)
VARHr - VAR Hours
APK+ - Amps peak (positive)
AHr - Amp Hours
APK- - Amps peak (negative)
Vh - Volts harmonics
VDC - Volts DC
Ah - Amps harmonics
ADC - Amps DC
VCF - Voltage crest factor
ACF - Current crest factor
Voltage and current ranges
Voltage ranges
1000 Vpeak, 500 Vpeak, 200 Vpeak, 100 Vpeak, 50 Vpeak, 20 Vpeak, 10 Vpeak
Current ranges (20 A shunt)
100 Apeak, 50 Apeak, 20 Apeak, 10 Apeak, 5 Apeak, 2 Apeak, 1 Apeak, 0.5 Apeak, 0.2 Apeak, 0.1 Apeak
Current ranges (1 A shunt)
2.0 Apeak, 1.0 Apeak, 0.4 Apeak, 0.2 Apeak, 0.1 Apeak, 0.04 Apeak, 0.02 Apeak, 0.01 Apeak, 0.004 Apeak, 0.002 Apeak
Measurement accuracy - voltage
Voltage accuracy, VRMS
(45 Hz to 850 Hz)
± 0.04% of Reading ± 0.04% of Range ± 0.005 V
Voltage accuracy, VRMS
(10 Hz to 45 Hz,
850 Hz to 1 MHz, typical)
± 0.1% of Reading ± 0.1% of Range ± (0.02*F)% of Reading ± 0.05 V
Voltage accuracy, DC (typical) ± 0.1% of Reading ± 0.1% of Range ± 0.05 V
Effect of common mode
(typical)
100 V, 100 kHz < 500 mV
Measurement accuracy - current
Current accuracy, ARMS
(45 Hz to 850 Hz) 2
± 0.04% of Reading ± 0.04% of Range ± (1.8 µV/Zext)
Current accuracy, ARMS
(10 Hz to 45 Hz,
850 Hz to 1 MHz, typical)
± 0.1% of Reading ± 0.1% of Range ± (0.02*F)% of Reading ± (50 µV/Zext)
Current accuracy, DC (typical) ± 0.1% of Reading ± 0.1% of Range ± (100 µV/Zext)
2
Offset is valid in low bandwidth, with internal shunts, and after a manual zero has been performed. Offset is 10 µV/Zext in high bandwidth, and with external shunt.
PA1000 Power Analyzer
4 www.tek.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com