Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA1000. Datasheet(PDF) 6 Page - TEKTRONIX, INC.

Part # PA1000.
Description  Single Phase AC Power Analyzer Datasheet
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

PA1000. Datasheet(HTML) 6 Page - TEKTRONIX, INC.

  PA1000. Datasheet HTML 1Page - TEKTRONIX, INC. PA1000. Datasheet HTML 2Page - TEKTRONIX, INC. PA1000. Datasheet HTML 3Page - TEKTRONIX, INC. PA1000. Datasheet HTML 4Page - TEKTRONIX, INC. PA1000. Datasheet HTML 5Page - TEKTRONIX, INC. PA1000. Datasheet HTML 6Page - TEKTRONIX, INC. PA1000. Datasheet HTML 7Page - TEKTRONIX, INC. PA1000. Datasheet HTML 8Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Ordering information
Models
PA1000
Single-phase power analyzer
Standard accessories
Voltage lead set
Country-specific power cord
USB host-to-device interface cable
Documentation CD
Includes user manual in English, French, German, Spanish, Japanese, Portuguese, Simplified Chinese, Traditional Chinese,
Korean, and Russian languages.
Certificate of calibration
Documents the traceability to National Metrology Institute(s) and ISO9001 Quality System Registration
Three year product warranty
Recommended accessories
BB1000-NA
Breakout box (North America plug configuration)
BB1000-EU
Breakout box (Europe plug configuration)
BB1000-UK
Breakout box (United Kingdom plug configuration)
BALLAST-CT
Specialty current transducer for lamp ballast testing
CL200
Current clamp, 1 A - 200 A, for Tektronix Power Analyzers
CL1200
Current clamp, 0.1 A - 1200 A, for Tektronix Power Analyzers
PA-LEADSET
Replacement lead set for Tektronix Power Analyzers (one channel lead set)
BB1000-NA breakout box
The Tektronix breakout box provides an easy way to make wiring connections between your device under test and the Tektronix power analyzer. Your device power cord plugs
directly into the outlet on the breakout box (choose the version that best matches the connector style for your geography).
Connection to the power analyzer is then simple, using the standard input lead set with 4 mm safety banana connectors that are provided as a standard accessory with the
power analyzer.
PA1000 Power Analyzer
6 www.tek.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com