Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA1000. Datasheet(PDF) 7 Page - TEKTRONIX, INC.

Part # PA1000.
Description  Single Phase AC Power Analyzer Datasheet
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

PA1000. Datasheet(HTML) 7 Page - TEKTRONIX, INC.

  PA1000. Datasheet HTML 1Page - TEKTRONIX, INC. PA1000. Datasheet HTML 2Page - TEKTRONIX, INC. PA1000. Datasheet HTML 3Page - TEKTRONIX, INC. PA1000. Datasheet HTML 4Page - TEKTRONIX, INC. PA1000. Datasheet HTML 5Page - TEKTRONIX, INC. PA1000. Datasheet HTML 6Page - TEKTRONIX, INC. PA1000. Datasheet HTML 7Page - TEKTRONIX, INC. PA1000. Datasheet HTML 8Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Power plug options
Opt. A0
North America power plug (115 V, 60 Hz)
Opt. A1
Universal Euro power plug (220 V, 50 Hz)
Opt. A2
United Kingdom power plug (240 V, 50 Hz)
Opt. A3
Australia power plug (240 V, 50 Hz)
Opt. A4
North America power plug (240 V, 50 Hz)
Opt. A5
Switzerland power plug (220 V, 50 Hz)
Opt. A6
Japan power plug (100 V, 50/60 Hz)
Opt. A10
China power plug (50 Hz)
Opt. A11
India power plug (50 Hz)
Opt. A12
Brazil power plug (60 Hz)
Opt. A99
No power cord
Service options
Opt. C3
Calibration Service 3 Years
Opt. C5
Calibration Service 5 Years
Opt. D1
Calibration Data Report
Opt. D3
Calibration Data Report 3 Years (with Opt. C3)
Opt. D5
Calibration Data Report 5 Years (with Opt. C5)
Opt. R5
Repair Service 5 Years (including warranty)
Opt. R5DW
Repair Service Coverage 5 Years (includes product warranty period). 5-year period starts at time of instrument purchase
Tektronix is registered to ISO 9001 and ISO 14001 by SRI Quality System Registrar.
Product(s) complies with IEEE Standard 488.1-1987, RS-232-C, and with Tektronix Standard Codes and Formats.
Datasheet
www.tek.com 7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com