Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3235MODASM2MON Datasheet(PDF) 13 Page - Texas Instruments

Part # CC3235MODASM2MON
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASM2MON Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC3235MODASM2MON Datasheet HTML 9Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 10Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 11Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 12Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 13Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 14Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 15Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 16Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 100 page
background image
13
CC3235MODAS, CC3235MODASF
www.ti.com
SWRS233 – OCTOBER 2019
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Terminal Configuration and Functions
Copyright © 2019, Texas Instruments Incorporated
Table 4-1. Module Pin Descriptions
MODULE PIN
TYPE(1)
CC3235 DEVICE
PIN NO.
MODULE PIN DESCRIPTION
NO.
NAME
1
GND
–
–
Ground
2
GND
–
–
Ground
3
GPIO10
I/O
1
GPIO(2)
4
GPIO11
I/O
2
GPIO(2)
5
GPIO14
I/O
5
GPIO(2)
6
GPIO15
I/O
6
GPIO(2)
7
GPIO16
I/O
7
GPIO(2)
8
GPIO17
I/O
8
GPIO(2)
9
GPIO12
I/O
3
GPIO(2)
10
GPIO13
I/O
4
GPIO(2)
11
GPIO22
I/O
15
GPIO(2)
12
JTAG_TDI
I/O
16
JTAG TDI input. Leave unconnected if not used on product(2)
13
FLASH_SPI_MISO
I
–
External Serial Flash Programming: SPI data in
14
FLASH_SPI_nCS_IN
I
–
External Serial Flash Programming: SPI chip select (active low)
15
FLASH_SPI_CLK
I
–
External Serial Flash Programming: SPI clock
16
GND
–
–
Ground
17
FLASH_SPI_MOSI
O
–
External Serial Flash Programming: SPI data out
18
JTAG_TDO
I/O
17
JTAG TDO output. Leave unconnected if not used on product(1)
19
GPIO28
I/O
18
GPIO(2)
21
JTAG_TCK
I/O
19
JTAG TCK input. Leave unconnected if not used on product.(2)
An internal 100 kΩ pull down resistor is tied to this pin.
22
JTAG_TMS
I/O
20
JTAG TMS input. Leave unconnected if not used on product.(2)
23
SOP2
–
21
An internal 100 kΩ pull down resistor is tied to this SOP pin. An
external 10 kΩ resistor is required to pull this pin high. See
Section 6.11.1 for SOP[2:0] configuration modes.
24
SOP1
–
34
An internal 100 kΩ pull down resistor is tied to this SOP pin. An
external 10 kΩ resistor is required to pull this pin high. See
Section 6.11.1 for SOP[2:0] configuration modes.
25
GND
–
–
Ground
26
GND
–
–
Ground
27
GND
–
–
Ground
28
GND
–
–
Ground
29
GND
–
–
Ground
30
GND
–
–
Ground
32
GND
–
–
Ground
34
SOP0
–
35
An internal 100 kΩ pull down resistor is tied to this SOP pin. An
external 10 kΩ resistor is required to pull this pin high. See
Section 6.11.1 for SOP[2:0] configuration modes.
35
nRESET
I
32
There is an internal, 100 kΩ, pull-up resistor option from the
nRESET pin to VBAT_RESET. Note: VBAT_RESET is not
connected to VBAT1 or VBAT2 within the module. The following
connection schemes are recommended:
•
Connect nRESET to a switch, external controller, or host,
only if nRESET will be in a defined state under all operating
conditions. Leave VBAT_RESET unconnected to save
power.
•
If nRESET cannot be in a defined state under all operating
conditions, connect VBAT_RESET to the main module
power supply (VBAT1 and VBAT2). Due to the internal pull-
up resistor a leakage current of 3.3 V / 100 kΩ is expected.
36
VBAT_RESET
–
37
37
VBAT1
Power
39
Power supply for the module, must be connected to battery (2.3
V to 3.6 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com