Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3235MODASM2MON Datasheet(PDF) 6 Page - Texas Instruments

Part # CC3235MODASM2MON
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASM2MON Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC3235MODASM2MON Datasheet HTML 2Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 3Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 4Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 5Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 6Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 7Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 8Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 9Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 100 page
background image
6
CC3235MODAS, CC3235MODASF
SWRS233 – OCTOBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Table of Contents
Copyright © 2019, Texas Instruments Incorporated
Table of Contents
1
Module Overview
........................................ 1
1.1
Features
.............................................. 1
1.2
Applications
........................................... 2
1.3
Description
............................................ 2
1.4
Functional Block Diagrams
........................... 3
2
Revision History
......................................... 7
3
Device Comparison
..................................... 8
3.1
Related Products
.................................... 10
4
Terminal Configuration and Functions
............ 11
4.1
CC3235MODAx Pin Diagram
....................... 11
4.2
Pin Attributes and Pin Multiplexing
.................. 12
4.3
Signal Descriptions
.................................. 29
4.4
Drive Strength and Reset States for Analog-Digital
Multiplexed Pins
..................................... 34
4.5
Pad State After Application of Power to Chip, but
Before Reset Release
............................... 34
4.6
Connections for Unused Pins
....................... 35
5
Specifications
........................................... 36
5.1
Absolute Maximum Ratings
......................... 36
5.2
ESD Ratings
........................................ 36
5.3
Recommended Operating Conditions
............... 36
5.4
Current Consumption (CC3235MODAS)
........... 37
5.5
Current Consumption (CC3235MODASF)
.......... 39
5.6
TX Power Control for 2.4 GHz Band
................ 41
5.7
TX Power Control for 5 GHz
........................ 43
5.8
Brownout and Blackout Conditions
................. 43
5.9
Electrical Characteristics for GPIO Pins
............ 45
5.10
GPIO Pins Except 25, 26, 42, and 44 (25°C)
....... 45
5.11
GPIO Pins 25, 26, 42, and 44 (25°C)
............... 46
5.12
Pin Internal Pullup and Pulldown (25°C)
............ 46
5.13
CC3235MODAx Antenna Characteristics
........... 47
5.14
WLAN Receiver Characteristics
.................... 48
5.15
WLAN Transmitter Characteristics
.................. 49
5.16
BLE and WLAN Coexistence Requirements
........ 50
5.17
Reset Requirement
................................. 50
5.18
Thermal Resistance Characteristics for MOB and
MON Packages
..................................... 50
5.19
Timing and Switching Characteristics
............... 51
6
Detailed Description
................................... 63
6.1
Overview
............................................ 63
6.2
Functional Block Diagram
........................... 63
6.3
Arm® Cortex®-M4 Processor Core Subsystem
..... 64
6.4
Wi-Fi® Network Processor Subsystem
.............. 65
6.5
Security
.............................................. 67
6.6
FIPS 140-2 Level 1 Certification
.................... 70
6.7
Power-Management Subsystem
.................... 70
6.8
Low-Power Operating Mode
........................ 70
6.9
Memory
.............................................. 72
6.10
Restoring Factory Default Configuration
............ 74
6.11
Boot Modes
.......................................... 74
6.12
Hostless Mode
...................................... 75
6.13
Device Certification and Qualification
............... 76
6.14
SRRC Certification and Statement
.................. 76
6.15
Module Markings
.................................... 77
6.16
End Product Labeling
............................... 78
6.17
Manual Information to the End User
................ 78
7
Applications, Implementation, and Layout
....... 78
7.1
Typical Application
.................................. 78
7.2
Device Connection and Layout Fundamentals
...... 81
7.3
PCB Layout Guidelines
............................. 81
8
Environmental Requirements and SMT
Specifications
........................................... 83
8.1
PCB Bending
........................................ 83
8.2
Handling Environment
.............................. 83
8.3
Storage Condition
................................... 83
8.4
PCB Assembly Guide
............................... 83
8.5
Baking Conditions
................................... 84
8.6
Soldering and Reflow Condition
.................... 85
9
Device and Documentation Support
............... 86
9.1
Third-Party Products Disclaimer
.................... 86
9.2
Development Tools and Software
................... 86
9.3
Firmware Updates
................................... 88
9.4
Device Nomenclature
............................... 88
9.5
Documentation Support
............................. 89
9.6
Related Links
........................................ 91
9.7
Support Resources
.................................. 91
9.8
Trademarks
.......................................... 91
9.9
Electrostatic Discharge Caution
..................... 91
9.10
Export Control Notice
............................... 91
9.11
Glossary
............................................. 91
10
Mechanical, Packaging, and Orderable
Information
.............................................. 92
10.1
Mechanical, Land, and Solder Paste Drawings
..... 92
10.2
Package Option Addendum
......................... 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com