Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3235MODASM2MON Datasheet(PDF) 52 Page - Texas Instruments

Part # CC3235MODASM2MON
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASM2MON Datasheet(HTML) 52 Page - Texas Instruments

Back Button CC3235MODASM2MON Datasheet HTML 48Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 49Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 50Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 51Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 52Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 53Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 54Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 55Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 100 page
background image
Hibernate
HW WAKEUP
FW INIT
APP CODE
LOAD
EXECUTION
ACTIVE
Application software requests
entry to hibernate moade
VBAT
nRESET
STATE
32-kHz
RTC CLK
THIB_MIN
Twake_from_hib
TAPP_CODE_LOAD
52
CC3235MODAS, CC3235MODASF
SWRS233 – OCTOBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Specifications
Copyright © 2019, Texas Instruments Incorporated
(1)
Twake_from_hib can be 200 ms on rare occasions when calibration is performed. Calibration is performed sparingly, typically when exiting
Hibernate and only if temperature has changed by more than 20°C or more than 24 hours have elapsed since a prior calibration.
(2)
Wake-up time can extend to 75 ms if a patch is downloaded from the serial Flash.
5.19.4 Wake Up From Hibernate Timing
Table 5-12 lists the software hibernate timing requirements.
NOTE
The internal 32.768-kHz crystal is kept enabled by default when the module goes to
hibernate.
Table 5-12. Software Hibernate Timing Requirements
ITEM
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
THIB_MIN
Minimum hibernate time
10
ms
Twake_from_hib
(1)
Hardware wakeup time plus
firmware initialization time
50(2)
ms
T_APP_CODE_LOAD
App code load time
forCC3235MODAS
CC3235MODAS
Image size (KB) × 1.7 ms
App code load time for
CC3235MODASF
CC3235MODASF
Image size (KB) × 0.06 ms
Figure 5-7 shows the timing diagram for wake up from the hibernate state.
Figure 5-7. Wake Up From Hibernate Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com