Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P451SP Datasheet(PDF) 35 Page - ELAN Microelectronics Corp

Part # EM78P451SP
Description  8-Bit Microcontroller with OTP ROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P451SP Datasheet(HTML) 35 Page - ELAN Microelectronics Corp

Back Button EM78P451SP Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 39Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
EM78P451S
8-Bit Microcontroller with OTP ROM
Product Specification (V1.0) 06.01.2004
• 31
(This specification is subject to change without further notice)
TMR1: Timer1 Register
TMR17~TMR10 is bit set of Timer1 register and it increases until the value
matches PWP and then it reset to 0.
PWP: Pulse Width Preset Register
PWP7~PWP0 is bit set of pulse width preset for the desired width of baud clock in
advance.
T1CON: Timer1 Control Register
Bit 2 (TM1E): Timer1 enable bit
Bit 1 (TM1P1) and Bit 0 (TM1P): Timer1 prescaler for FSCO
TM1P1
TM1P0
Prescaler Rate
0
0
1:1
0
1
1:4
1
0
1:8
1
1
1:16
4.7 RESET and Wake-up
A RESET is initiated by
(1) Power on reset, or
(2) /RESET pin input “low”, or
(3) WDT timeout. (if enabled)
WDTE
Setup
Time
WDT
WDT timeout
Power-
on Reset
Voltage
Detector
Oscillator
VDD
DQ
CLK
CLR
CLK
Reset
Fig. 16 Block Diagram of Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com