Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P451SP Datasheet(PDF) 7 Page - ELAN Microelectronics Corp

Part # EM78P451SP
Description  8-Bit Microcontroller with OTP ROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P451SP Datasheet(HTML) 7 Page - ELAN Microelectronics Corp

Back Button EM78P451SP Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 11Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
EM78P451S
8-Bit Microcontroller with OTP ROM
Product Specification (V1.0) 06.01.2004
• 3
(This specification is subject to change without further notice)
Table 1 Pin description
Symbol
Pin No.
Type
Function Description
R-OSCI
39
I
In XTAL mode: Crystal input; In internal C, external R mode: 56Kohm
±5% pull
high for 1.8432MHz.
OSCO
40
O
In XTAL mode: Crystal output; In RC mode: Instruction clock output.
P90~P95
5~10
I/O
General bi-directional I/O port. All of its pins can be pulled-high by software.
P90 and P91 are pin-change wake up pins.
P80~P87
19~26
I/O
General bi-directional I/O port. All of its pins can be pulled-high by software.
P80 and P81 are also used as the R-option pins.
P70~P72
37~35
I/O
LED direct-driving pin with internal serial resistor used as output and is
software defined.
P70/
RESET
37
I/O
LED direct-driving pin with internal serial resistor used as output and is
software defined.
Code option bit 3 (REN): reset enable
REN=0 => for reset pin
REN=1 => for general purpose I/O (P70)
Internal pull high resistor 220Kohm
CLK
4
I/O
By connecting P74 and P76 together.
P74 can be pulled-high by software and it is also a pin-change wake up pin.
P76 can be defined as an open-drain output.
DATA
3
I/O
By connecting P75 and P77 together.
P75 can be pulled-high by software and it is also a pin-change wake up pin.
P77 can be defined as an open-drain output.
P60~P67
27~34
I/O
General bi-directional port. All of its pins can be pulled-high by software, and
pin-change wake up pins.
P50~P57
11~18
I/O
General bi-directional I/O port. All of its pins can be pulled-high individually by
software.
VDD
38
-
Power supply pin.
VSS
1
-
Ground pin.
/INT
2
I
An interrupt schmitt-triggered pin.
The function of interrupt triggers at the falling edge.
Users can enable it by software.
SDI
7
I/O
Serial data in for SPI
SDO
8
I/O
Serial data out for SPI.
SCK
9
I/O
Serial clock for SPI.
/SS
10
I/O
/Slave select for SPI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com