Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P451SP Datasheet(PDF) 6 Page - ELAN Microelectronics Corp

Part # EM78P451SP
Description  8-Bit Microcontroller with OTP ROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P451SP Datasheet(HTML) 6 Page - ELAN Microelectronics Corp

Back Button EM78P451SP Datasheet HTML 2Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 10Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
EM78P451S
8-Bit Microcontroller with OTP ROM
2
•
Product Specification (V1.0) 06.01.2004
(This specification is subject to change without further notice)
12 wake-up pins.
2 open-drain pins.
2 R-option pins.
32 programmable pull-high input pins.
Packages:
• 40 pin DIP 600mil: EM78P451SP .
• 40 pin SOP 450mil: EM78P451SWM
• 44 pin QFP: EM78P451SAQ.
Four types of interrupts.
• External interrupt (/INT).
• SPI transmission completed interrupt.
• TCC overflow interrupt.
• Timer1 comparator match interrupt.
3
PIN ASSIGNMENT
VDD
Vss
/INT
P50
P51
P53
P60
P61
P62
P63
P64
P52
P70//RESET
R-OSCI
OSCO
P87
P65
P72
P71
P67
P66
P86
1
2
3
4
5
6
7
8
9
10
11
12
14
13
26
25
24
23
22
21
20
19
18
17
29
30
27
28
P55
P54
P56
P57
15
16
31
32
P80
P81
P91
CLK
DATA
P94/SCK
P95//SS
P93/SDO
P92/SDI
P85
P84
P83
P82
38
37
36
35
34
33
39
40
P90
EM78P451AQ
1
2
3
456
7
8
9
10
11
12
14
13
20
19
18
17
15
16
33
32
31
30
29
28
27
26
25
24
23
22
21
44
42
43
36
37
38
39
41
40
34
35
P55
P56
P57
P80
P81
VDD
P70//RESET
R-OSCI
OSCO
P86
P85
P84
P83
P82
NC
NC
NC
NC
Vss
/INT
CLK
DATA
Fig. 1 Pin Assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com