Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRU3137CS Datasheet(PDF) 8 Page - International Rectifier

Part # IRU3137CS
Description  8-PIN SYNCHRONOUS PWM CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3137CS Datasheet(HTML) 8 Page - International Rectifier

Back Button IRU3137CS Datasheet HTML 4Page - International Rectifier IRU3137CS Datasheet HTML 5Page - International Rectifier IRU3137CS Datasheet HTML 6Page - International Rectifier IRU3137CS Datasheet HTML 7Page - International Rectifier IRU3137CS Datasheet HTML 8Page - International Rectifier IRU3137CS Datasheet HTML 9Page - International Rectifier IRU3137CS Datasheet HTML 10Page - International Rectifier IRU3137CS Datasheet HTML 11Page - International Rectifier IRU3137CS Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
Rev. 1.0
06/22/04
IRU3137
www.irf.com
For higher efficiency, a low ESR capacitor is recom-
mended. Choose four Poscap from Sanyo 6TPC150M
(6.3V, 150
µF, 40mΩ) with a maximum allowable ripple
current of 7.6A.
Inductor Selection
The inductor is selected based on operating frequency,
transient performance and allowable output voltage ripple.
Low inductor value results to faster response to step
load (high
∆i/∆t) and smaller size but will cause larger
output ripple due to increase of inductor ripple current.
As a rule of thumb, select an inductor that produces a
ripple current of 10-40% of full load DC.
For the buck converter, the inductor value for desired
operating ripple current can be determined using the fol-
lowing relation:
If
∆i = 20%(IO), then the output inductor will be:
The Panasonic PCCN6B series provides a range of in-
ductors in different values, low profile suitable for large
currents, 2.17
µH, 17A is a good choice for this applica-
tion. This will result to a ripple approximately 19.2% of
output current.
Output Capacitor Selection
The criteria to select the output capacitor is normally
based on the value of the Effective Series Resistance
(ESR). In general, the output capacitor must have low
enough ESR to meet output ripple and load transient
L = 2
µH
2
2
PCOND(Upper Switch) = ILOAD
×RDS(ON)×D×ϑ
PCOND(Lower Switch) = ILOAD
×RDS(ON)×(1 - D)×ϑ
ϑ = RDS(ON) Temperature Dependency
For VIN=5V, IOUT=15A and D=0.5, the IRMS=7.5A
IRMS = IOUT
D
×(1-D)
---(9)
Where:
D is the Duty Cycle, D=VOUT/VIN.
IRMS is the RMS value of the input capacitor current.
IOUT is the output current for each channel.
VIN - VOUT = L
×
;
∆t = D×
; D =
1
fS
VOUT
VIN
∆i
∆t
L = (VIN - VOUT)
×
---(11)
VOUT
VIN
×∆i×fS
Where:
VIN = Maximum Input Voltage
VOUT = Output Voltage
∆i = Inductor Ripple Current
fS = Switching Frequency
∆t = Turn On Time
D = Duty Cycle
Where:
∆VO = Output Voltage Ripple
∆i = Inductor Ripple Current
∆VO = 75mV and ∆I
≅ 20% of 15A = 3A
This results to: ESR=25m
Ω
ESR
≤
---(10)
∆VO
∆IO
requirements, yet have high enough ESR to satisfy sta-
bility requirements. The ESR of the output capacitor is
calculated by the following relationship:
The Sanyo TPC series, Poscap capacitor is a good choice.
The 6TPC330M, 330
µF, 6.3V has an ESR 40mΩ. Se-
lecting three of these capacitors in parallel, results to an
ESR of
≅ 13.3mΩ which achieves our low ESR goal.
The capacitor value must be high enough to absorb the
inductor's ripple current. The larger the value of capaci-
tor, the lower will be the output ripple voltage.
Power MOSFET Selection
The IRU3137 uses two N-Channel MOSFETs. The se-
lections criteria to meet power transfer requirements is
based on maximum drain-source voltage (VDSS), gate-
source drive voltage (VGS), maximum output current, On-
resistance RDS(ON) and thermal management.
The MOSFET must have a maximum operating voltage
(VDSS) exceeding the maximum input voltage (VIN).
The gate drive requirement is almost the same for both
MOSFETs. Logic-level transistor can be used and cau-
tion should be taken with devices at very low VGS to pre-
vent undesired turn-on of the complementary MOSFET,
which results a shoot-through current.
The total power dissipation for MOSFETs includes con-
duction and switching losses. For the Buck converter,
the average inductor current is equal to the DC load cur-
rent. The conduction loss is defined as:
The RDS(ON) temperature dependency should be consid-
ered for the worst case operation. This is typically given
in the MOSFET data sheet. Ensure that the conduction
losses and switching losses do not exceed the package
ratings or violate the overall thermal budget.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com