Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRU3137CS Datasheet(PDF) 9 Page - International Rectifier

Part # IRU3137CS
Description  8-PIN SYNCHRONOUS PWM CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3137CS Datasheet(HTML) 9 Page - International Rectifier

Back Button IRU3137CS Datasheet HTML 5Page - International Rectifier IRU3137CS Datasheet HTML 6Page - International Rectifier IRU3137CS Datasheet HTML 7Page - International Rectifier IRU3137CS Datasheet HTML 8Page - International Rectifier IRU3137CS Datasheet HTML 9Page - International Rectifier IRU3137CS Datasheet HTML 10Page - International Rectifier IRU3137CS Datasheet HTML 11Page - International Rectifier IRU3137CS Datasheet HTML 12Page - International Rectifier IRU3137CS Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
IRU3137
9
Rev. 1.0
06/22/04
www.irf.com
Choose IRF7832 for both control MOSFET and synchro-
nous MOSFET. This device provides low on-resistance
in a compact SOIC 8-Pin package.
The MOSFET has the following data:
The total conduction losses will be:
The switching loss is more difficult to calculate, even
though the switching transition is well understood. The
reason is the effect of the parasitic components and
switching times during the switching procedures such
as turn-on / turnoff delays and rise and fall times. The
control MOSFET contributes to the majority of the switch-
ing losses in synchronous Buck converter. The synchro-
nous MOSFET turns on under zero voltage conditions,
therefore, the turn on losses for synchronous MOSFET
can be neglected. With a linear approximation, the total
switching loss can be expressed as:
The switching time waveform is shown in Figure 7.
Figure 7 - Switching time waveforms.
From IRF7832 data sheet we obtain:
These values are taken under a certain condition test.
For more details please refer to the IRF7466 and IRF7458
data sheets.
By using equation (12), we can calculate the total switch-
ing losses.
Feedback Compensation
The IRU3137 is a voltage mode controller; the control
loop is a single voltage feedback path including error
amplifier and error comparator. To achieve fast transient
response and accurate output regulation, a compensa-
tion circuit is necessary. The goal of the compensation
network is to provide a closed loop transfer function with
the highest 0dB crossing frequency and adequate phase
margin (greater than 45 ).
The output LC filter introduces a double pole, –40dB/
decade gain slope above its corner resonant frequency,
and a total phase lag of 180 (see Figure 8). The Reso-
nant frequency of the LC filter is expressed as follows:
Figure 9 shows gain and phase of the LC filter. Since we
already have 180 phase shift just from the output filter,
the system risks being unstable.
Figure 8 - Gain and phase of LC filter.
PCON(TOTAL) = PCON(UPPER) + PCON(LOWER)
PCON(TOTAL) = 1.166W
PSW(TOTAL) = 250mW
IRF7832
VDSS = 30V
ID = 20A @ 25 C
RDS(ON) = 4m
Ω @ VGS=10V
Where:
VDS(OFF) = Drain to Source Voltage at off time
tr = Rise Time
tf = Fall Time
T = Switching Period
ILOAD = Load Current
PSW =
ILOAD
---(12)
×
VDS(OFF)
2
tr + tf
T
×
IRF7832
tr = 12.3ns
tf = 21ns
FLC =
---(13)
1
2
π× LO×CO
VDS
VGS
10%
90%
td(ON)
td(OFF)
tr
tf
Gain
FLC
0dB
Phase
0
FLC
-180
Frequency
Frequency
-40dB/decade



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com