Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRU3137CS Datasheet(PDF) 14 Page - International Rectifier

Part # IRU3137CS
Description  8-PIN SYNCHRONOUS PWM CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3137CS Datasheet(HTML) 14 Page - International Rectifier

Back Button IRU3137CS Datasheet HTML 10Page - International Rectifier IRU3137CS Datasheet HTML 11Page - International Rectifier IRU3137CS Datasheet HTML 12Page - International Rectifier IRU3137CS Datasheet HTML 13Page - International Rectifier IRU3137CS Datasheet HTML 14Page - International Rectifier IRU3137CS Datasheet HTML 15Page - International Rectifier IRU3137CS Datasheet HTML 16Page - International Rectifier IRU3137CS Datasheet HTML 17Page - International Rectifier IRU3137CS Datasheet HTML 18Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
14
Rev. 1.0
06/22/04
IRU3137
www.irf.com
TYPICAL APPLICATION
Figure 12 - Typical application of IRU3137 for DDR memory when the termination voltage,
generated by IRU3038, tracks the core voltage.
IRU3137
U1
Vcc
Vc
HDrv
LDrv
Fb
Comp
SS
C1
0.1uF
C2
1uF
C6
0.1uF
C8
3300pF
R2
20K
Q1
IRF3711S
L2
L1
1uH
C4
47uF
VDDQ
1.8V @ 15A
C7
3x 330uF
6TPC330M
12V
5V
IRU3038
U2
Vcc
Vc
HDrv
LDrv
Fb
Gnd
Comp
SS
C9
0.1uF
C10
1uF
C12
0.15uF
C14
6800pF
R6
12K
Q3
IRF7460
Q4
IRF7457
L3
2.2uH
VTT
(0.9V @ 10A)
C13
3x 330uF
6TPC330M
12V
PGnd
Rt
VP
VREF
R4
1K
R5
1K
R3
1K
5V
5V
Gnd
R1
1K
2.2uH
C11
3x 150uF
6TPB150M
D2
1N4148
C15
68pF
C16
47pF
D1
1N4148
Q2
IRF3711S
C5
4x 150uF
6TPB150M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com