Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

02012J4R7ABSTR500 Datasheet(PDF) 17 Page - AVX Corporation

Part # 02012J4R7ABSTR500
Description  Thin-Film Technology
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

02012J4R7ABSTR500 Datasheet(HTML) 17 Page - AVX Corporation

Back Button 02012J4R7ABSTR500 Datasheet HTML 13Page - AVX Corporation 02012J4R7ABSTR500 Datasheet HTML 14Page - AVX Corporation 02012J4R7ABSTR500 Datasheet HTML 15Page - AVX Corporation 02012J4R7ABSTR500 Datasheet HTML 16Page - AVX Corporation 02012J4R7ABSTR500 Datasheet HTML 17Page - AVX Corporation 02012J4R7ABSTR500 Datasheet HTML 18Page - AVX Corporation 02012J4R7ABSTR500 Datasheet HTML 19Page - AVX Corporation 02012J4R7ABSTR500 Datasheet HTML 20Page - AVX Corporation 02012J4R7ABSTR500 Datasheet HTML 21Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Accu-P
®
High Frequency Characteristics
22
050118
30.0
25.0
20.0
15.0
10.0
5.0
0.0
1000
100
50
1000
100
10
Capacitance (pF)
Frequency (MHz)
Accu-P® 0402 Typical SRF vs Capacitance
Accu-P® 0402 Typical ESR vs Frequency
Frequency (MHz)
Accu-P® 0402 Typical Q vs Frequency
0
10
20
30
40
50
60
70
800 1000 1200 1400 1600 1800 2000 2200 2400 2600
800 1000 1200 1400 1600 1800 2000 2200 2400 2600
0.8pF
1.2pF
1.8pF
2.2pF
3.3pF
4.7pF
0.8pF
1.2pF
1.8pF
2.2pF
3.3pF
4.7pF
Measured on HP8720ES
Measured on Agilent 4278A/4991A
Measured on Agilent 4278A/4991A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com