Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

02012J4R7ABSTR500 Datasheet(PDF) 7 Page - AVX Corporation

Part # 02012J4R7ABSTR500
Description  Thin-Film Technology
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

02012J4R7ABSTR500 Datasheet(HTML) 7 Page - AVX Corporation

Back Button 02012J4R7ABSTR500 Datasheet HTML 3Page - AVX Corporation 02012J4R7ABSTR500 Datasheet HTML 4Page - AVX Corporation 02012J4R7ABSTR500 Datasheet HTML 5Page - AVX Corporation 02012J4R7ABSTR500 Datasheet HTML 6Page - AVX Corporation 02012J4R7ABSTR500 Datasheet HTML 7Page - AVX Corporation 02012J4R7ABSTR500 Datasheet HTML 8Page - AVX Corporation 02012J4R7ABSTR500 Datasheet HTML 9Page - AVX Corporation 02012J4R7ABSTR500 Datasheet HTML 10Page - AVX Corporation 02012J4R7ABSTR500 Datasheet HTML 11Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Accu-P
®
0402 Typical Electrical Tables
Capacitance
Self
Q Standard Value
Frequency
Frequency
Frequency
@ 1MHz
Resonance
@ 1GHz
900MHz
1900MHz
2400MHz
and Tolerance
Frequency
C (pF)
Tol.
(GHz)
Typ.
Min.
C(eff)
Q
ESR
C(eff)
Q
ESR
C(eff)
Q
ESR
Typ.
(pF) Typ.
Typ.
(mOhm) Typ.
(pF) Typ.
Typ.
(mOhm) Typ.
(pF) Typ.
Typ.
(mOhm) Typ.
0.05
±0.02
20.9
856
471
0.06
881
1411
0.06
562
1216
0.06
498
983
0.1
±0.02
19.4
848
466
0.11
873
1316
0.11
554
1115
0.11
490
914
0.15
±0.02
17.9
840
462
0.16
866
1222
0.16
547
1013
0.16
482
845
0.2
±0.02
16.4
832
457
0.21
858
1128
0.21
539
912
0.22
474
776
0.25
±0.02
15.5
823
453
0.26
850
1033
0.27
532
810
0.27
465
707
0.3
±0.02
14.6
815
448
0.31
842
939
0.32
525
708
0.32
457
638
0.35
±0.02
14.1
807
444
0.36
834
844
0.37
517
607
0.37
449
569
0.4
±0.02
12.5
799
439
0.41
827
750
0.42
510
505
0.42
441
500
0.45
±0.02
11.9
791
435
0.46
819
667
0.47
502
458
0.48
432
453
0.5
±0.02
11.3
783
430
0.51
811
583
0.52
495
410
0.53
424
407
0.55
±0.02
10.9
774
426
0.57
803
500
0.57
487
363
0.58
416
360
0.6
±0.02
10.4
766
421
0.62
796
465
0.62
480
343
0.63
408
339
0.65
±0.02
10.0
758
417
0.67
788
431
0.67
472
322
0.68
399
317
0.7
±0.02
9.5
750
413
0.72
780
396
0.72
465
302
0.73
391
296
0.75
±0.02
9.3
746
410
0.77
776
375
0.78
456
290
0.79
381
285
0.8
±0.02
9.1
743
408
0.82
772
354
0.83
447
277
0.84
370
273
0.85
±0.02
9.0
739
406
0.87
768
334
0.88
438
265
0.89
360
262
0.9
±0.02
8.8
735
404
0.92
764
313
0.93
429
253
0.95
350
250
0.95
±0.02
8.4
732
402
0.97
760
292
0.98
420
240
1.00
339
239
1
±0.02
8.0
728
400
1.02
756
271
1.04
411
228
1.05
329
227
1.05
±0.02
7.9
725
398
1.07
752
258
1.09
406
221
1.11
323
221
1.1
±0.02
7.8
721
397
1.12
749
245
1.14
401
214
1.16
318
214
1.15
±0.02
7.6
718
395
1.17
745
232
1.20
396
207
1.22
312
208
1.2
±0.02
7.4
714
393
1.22
742
218
1.25
391
200
1.27
306
202
1.25
±0.02
7.2
711
391
1.27
738
205
1.31
386
193
1.32
301
195
1.3
±0.02
7.0
707
389
1.32
734
192
1.36
381
185
1.38
295
189
1.35
±0.02
6.9
704
387
1.37
731
179
1.41
376
178
1.43
289
183
1.4
±0.02
6.8
700
385
1.42
727
165
1.47
371
171
1.49
283
177
1.45
±0.02
6.7
697
383
1.47
724
152
1.52
366
164
1.54
278
170
1.5
±0.02
6.5
693
381
1.52
720
139
1.58
361
157
1.60
272
164
1.55
±0.02
6.5
690
379
1.56
716
135
1.62
358
153
1.65
269
159
1.6
±0.02
6.5
686
377
1.61
713
130
1.67
355
148
1.70
267
155
1.65
±0.02
6.5
683
375
1.66
709
126
1.72
352
143
1.76
264
150
1.7
±0.02
6.4
679
373
1.71
705
122
1.77
349
139
1.81
261
146
1.75
±0.02
6.3
676
372
1.75
702
118
1.82
347
134
1.86
259
141
1.8
±0.02
6.2
672
370
1.80
698
113
1.87
344
130
1.92
256
137
1.85
±0.02
6.1
669
368
1.85
694
109
1.92
341
125
1.97
253
132
1.9
±0.02
6.0
665
366
1.90
690
105
1.97
338
121
2.02
251
128
1.95
±0.02
5.9
662
364
1.94
687
101
2.01
335
116
2.08
248
123
2
±0.03
5.7
658
362
1.99
683
96
2.06
332
112
2.13
245
119
2.1
±0.03
5.4
651
358
2.10
676
93
2.18
326
108
2.26
241
115
2.2
±0.03
5.1
643
354
2.21
669
89
2.30
321
104
2.38
236
112
2.3
±0.03
5.0
636
350
2.31
662
85
2.42
315
101
2.51
231
109
2.4
±0.03
4.9
629
346
2.42
656
81
2.54
309
97
2.64
226
106
2.5
±0.03
4.7
622
342
2.53
649
77
2.65
303
94
2.76
221
102
2.6
±0.03
4.6
614
338
2.64
642
74
2.77
298
90
2.89
216
99
2.7
±0.03
4.5
607
334
2.75
635
70
2.89
292
86
3.02
211
96
2.8
±0.03
4.5
600
330
2.85
628
68
3.01
288
83
3.15
207
92
2.9
±0.03
4.4
592
326
2.95
621
66
3.13
283
80
3.28
203
88
3
±0.03
4.4
585
322
3.06
614
64
3.24
279
76
3.41
200
84
3.1
±0.05
4.4
578
318
3.16
607
62
3.36
274
73
3.54
196
80
3.2
±0.05
4.3
570
314
3.27
600
60
3.48
270
70
3.67
192
76
3.3
±0.05
4.3
563
310
3.37
593
58
3.60
265
67
3.80
188
72
3.4
±0.05
4.3
556
306
3.47
586
57
3.71
261
63
3.93
184
68
3.5
±0.05
4.2
548
302
3.58
579
55
3.83
256
60
4.06
180
64
3.6
±0.05
4.2
541
298
3.68
572
53
3.95
252
57
4.19
177
60
3.7
±0.05
4.1
534
294
3.78
565
51
4.06
247
54
4.32
173
56
3.8
±0.05
4.0
526
289
3.89
558
49
4.18
243
50
4.45
169
52
3.9
±0.05
3.9
519
285
3.99
551
47
4.30
238
47
4.58
165
48
12
050118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com