Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

02012J4R7ABSTR500 Datasheet(PDF) 6 Page - AVX Corporation

Part # 02012J4R7ABSTR500
Description  Thin-Film Technology
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

02012J4R7ABSTR500 Datasheet(HTML) 6 Page - AVX Corporation

Back Button 02012J4R7ABSTR500 Datasheet HTML 2Page - AVX Corporation 02012J4R7ABSTR500 Datasheet HTML 3Page - AVX Corporation 02012J4R7ABSTR500 Datasheet HTML 4Page - AVX Corporation 02012J4R7ABSTR500 Datasheet HTML 5Page - AVX Corporation 02012J4R7ABSTR500 Datasheet HTML 6Page - AVX Corporation 02012J4R7ABSTR500 Datasheet HTML 7Page - AVX Corporation 02012J4R7ABSTR500 Datasheet HTML 8Page - AVX Corporation 02012J4R7ABSTR500 Datasheet HTML 9Page - AVX Corporation 02012J4R7ABSTR500 Datasheet HTML 10Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Capacitance
Self
Q Standard Value
Frequency
Frequency
Frequency
@ 1MHz
Tesonance
@ 1GHz
900MHz
1900MHz
2400MHz
and Tolerance
Frequency
C (pF)
Tol.
(GHz)
Typ.
Min.
C(eff)
Q
ESR
C(eff)
Q
ESR
C(eff)
Q
ESR
Typ.
(pF) Typ.
Typ.
(mOhm) Typ.
(pF) Typ.
Typ.
(mOhm) Typ.
(pF) Typ.
Typ.
(mOhm) Typ.
4
±0.05
4.3
224
123
4.138
262
165
4.484
89
210
4.760
65
216
4.1
±0.05
4.2
222
122
4.247
259
162
4.610
88
207
4.901
64
213
4.2
±0.05
4.2
220
121
4.356
257
159
4.735
87
204
5.041
63
210
4.3
±0.05
4.1
218
120
4.464
254
157
4.860
86
201
5.181
62
207
4.4
±0.05
4.1
216
119
4.573
252
154
4.986
85
198
5.322
61
204
4.5
±0.05
4.0
214
118
4.682
249
152
5.111
83
195
5.462
60
201
4.6
±0.05
4.0
212
116
4.790
246
149
5.237
82
192
5.602
59
198
4.7
±0.05
3.9
209
115
4.899
244
147
5.362
81
189
5.743
58
195
5.1
±0.05
3.8
201
110
5.334
233
136
5.863
76
178
6.304
54
183
5.6
±0.05
3.6
190
105
5.877
220
124
6.490
70
163
7.006
49
168
6.2
±0.1
3.5
177
97
6.488
208
126
7.290
65
167
7.993
45
174
6.8
±0.1
3.3
164
90
7.100
195
128
8.090
60
171
8.980
41
179
7.5
±0.1
3.2
153
84
7.901
182
125
9.129
56
166
10.27
38
173
8.2
±0.1
3.0
142
78
8.701
168
121
10.17
52
160
11.56
34
167
9.1
±0.1
2.9
135
74
9.676
159
118
11.57
49
154
13.49
32
161
10
±1%
2.8
128
70
10.65
151
114
12.96
45
148
15.41
29
155
11
±1%
2.7
120
66
11.73
141
110
14.52
42
142
17.55
27
148
12
±1%
2.5
112
62
12.82
132
105
16.07
39
135
19.68
24
141
13
±1%
2.4
105
58
13.92
124
104
17.82
36
135
22.38
22
142
14
±1%
2.4
98
54
15.02
116
103
19.57
32
135
25.08
19
142
15
±1%
2.3
91
50
16.12
108
102
21.32
29
135
27.78
17
143
16
±1%
2.2
86
47
17.37
102
103
24.04
27
135
NA
NA
NA
17
±1%
2.2
81
44
18.63
96
105
26.76
25
136
NA
NA
NA
18
±1%
2.1
76
42
19.88
90
106
29.48
23
136
NA
NA
NA
19
±1%
2.1
71
39
21.14
83
108
32.20
21
136
NA
NA
NA
20
±1%
2.1
65
36
22.39
77
109
34.92
19
136
NA
NA
NA
22
±1%
2.0
55
30
24.90
65
112
40.36
15
137
NA
NA
NA
Accu-P
®
0201 Typical Electrical Tables
11
050118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com