Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT17F080 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT17F080
Description  FPGA CONFIGURATION FLASH MEMORY
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17F080 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT17F080 Datasheet HTML 10Page - ATMEL Corporation AT17F080 Datasheet HTML 11Page - ATMEL Corporation AT17F080 Datasheet HTML 12Page - ATMEL Corporation AT17F080 Datasheet HTML 13Page - ATMEL Corporation AT17F080 Datasheet HTML 14Page - ATMEL Corporation AT17F080 Datasheet HTML 15Page - ATMEL Corporation AT17F080 Datasheet HTML 16Page - ATMEL Corporation AT17F080 Datasheet HTML 17Page - ATMEL Corporation AT17F080 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
14
3039I–CNFG–2/05
AT17F040/080
18. Ordering Information
Memory Size
Ordering Code
Package
Operation Range
4-Mbit
AT17F040-30CC
AT17F040-30JC
AT17F040-30VJC
8CN4 - 8 LAP
20J - 20 PLCC
20J - 20 PLCC
Commercial
(0
°C to 70°C)
AT17F040-30CI
AT17F040-30JI
AT17F040-30VJI
8CN4 - 8 LAP
20J - 20 PLCC
20J - 20 PLCC
Industrial
(-40
°C to 85°C)
AT17F040-30CU
AT17F040-30JU
8CN4 - 8 LAP
20J - 20 PLCC
LHF Industrial
(-40
°C to 85°C)
8-Mbit
AT17F080-30CC
AT17F080-30JC
AT17F080-30TQC
AT17F080-30BJC
8CN4 - 8 LAP
20J - 20 PLCC
44A - 44 TQFP
44J - 44 PLCC
Commercial
(0
°C to 70°C)
AT17F080-30CI
AT17F080-30JI
AT17F080-30TQI
AT17F080-30BJI
8CN4 - 8 LAP
20J - 20 PLCC
44A - 44 TQFP
44J - 44 PLCC
Industrial
(-40
°C to 85°C)
AT17F080-30CU
AT17F080-30JU
8CN4 - 8 LAP
20J - 20 PLCC
LHF Industrial
(-40
°C to 85°C)
Package Type
8CN4
8-lead, 6 mm x 6 mm x 1 mm, Leadless Array Package (LAP) – Pin-compatible with 8-lead SOIC/VOIC Packages
20J
20-lead, Plastic J-leaded Chip Carrier (PLCC)
44A
44-lead, Thin (1.0 mm) Plastic Quad Flat Package Carrier (TQFP)
44J
44-lead, Plastic J-leaded Chip Carrier (PLCC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com