Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT17F080 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT17F080
Description  FPGA CONFIGURATION FLASH MEMORY
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17F080 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT17F080 Datasheet HTML 1Page - ATMEL Corporation AT17F080 Datasheet HTML 2Page - ATMEL Corporation AT17F080 Datasheet HTML 3Page - ATMEL Corporation AT17F080 Datasheet HTML 4Page - ATMEL Corporation AT17F080 Datasheet HTML 5Page - ATMEL Corporation AT17F080 Datasheet HTML 6Page - ATMEL Corporation AT17F080 Datasheet HTML 7Page - ATMEL Corporation AT17F080 Datasheet HTML 8Page - ATMEL Corporation AT17F080 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
3039I–CNFG–2/05
AT17F040/080
5.
Pin Description
5.1
DATA(1)
Three-state DATA output for configuration. Open-collector bi-directional pin for programming.
5.2
CLK(1)
Clock input. Used to increment the internal address and bit counter for reading and
programming.
5.3
PAGE_EN(2)
Input used to enable page download mode. When PAGE_EN is high the configuration download
address space is partitioned into 4 equal pages. This gives users the ability to easily store and
retrieve multiple configuration bitstreams from a single configuration device. This input works in
conjunction with the PAGESEL inputs. PAGE_EN must be remain low if paging is not desired.
When SER_EN is Low (ISP mode) this pin has no effect.
Notes:
1. This pin has an internal 20 K
Ω pull-up resistor.
2. This pin has an internal 30 K
Ω pull-down resistor.
Table 5-1.
Pin Description
Name
I/O
AT17F040
AT17F080
8
LAP
20
PLCC
20 PLCC
(Virtex)
8
LAP
20
PLCC
44
PLCC
44
TQFP
DATA
I/O
121
122
40
CLK
I
243
245
43
PAGE_EN
I
–16–
–16139
PAGESEL0
I
–
11
–
–
11
20
14
PAGESEL1
I
–
7
–
–
7
25
19
RESET/
OE
I
368
36
19
13
CE
I
4
8104
821
15
GND
–
510
11510
24
18
CEO
O
614
13614
27
21
A2
I
READY
O
–15
15–15
29
23
SER_EN
I
7
17
18717
41
35
VCC
–
8
20
20820
44
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com