Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT17F080 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT17F080
Description  FPGA CONFIGURATION FLASH MEMORY
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17F080 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT17F080 Datasheet HTML 1Page - ATMEL Corporation AT17F080 Datasheet HTML 2Page - ATMEL Corporation AT17F080 Datasheet HTML 3Page - ATMEL Corporation AT17F080 Datasheet HTML 4Page - ATMEL Corporation AT17F080 Datasheet HTML 5Page - ATMEL Corporation AT17F080 Datasheet HTML 6Page - ATMEL Corporation AT17F080 Datasheet HTML 7Page - ATMEL Corporation AT17F080 Datasheet HTML 8Page - ATMEL Corporation AT17F080 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Features
• Programmable 4,194,304 x 1 and 8,388,608 x 1-bit Serial Memories Designed to Store
Configuration Programs for Field Programmable Gate Arrays (FPGAs)
• 3.3V Output Capability
• 5V Tolerant I/O Pins
• Program Support using the Atmel ATDH2200E System or Industry Third Party
Programmers
• In-System Programmable (ISP) via 2-wire Bus
• Simple Interface to SRAM FPGAs
• Compatible with Atmel AT40K and AT94K Devices, Altera® FLEX®, APEX™ Devices,
Lucent® ORCA® FPGAs, Xilinx® XC3000, XC4000, XC5200, Spartan®, Virtex™ FPGAs,
Motorola® MPA1000 FPGAs
• Cascadable Read-back to Support Additional Configurations or Higher-density Arrays
• Low-power CMOS FLASH Process
• Available in 6 mm x 6 mm x 1 mm 8-lead LAP (Pin-compatible with 8-lead SOIC/VOIC
Packages), 20-lead PLCC, 44-lead PLCC and 44-lead TQFP Packages
• Emulation of Atmel’s AT24CXXX Serial EEPROMs
• Low-power Standby Mode
• Single Device Capable of Holding 4 Bit Stream Files Allowing Simple System
Reconfiguration
• Fast Serial Download Speeds up to 33 MHz
• Endurance: 5,000 Write Cycles Typical
• LHF Package Available (Lead and Halide Free)
1.
Description
The AT17F Series of In-System Programmable Configuration PROMs (Configurators)
provide an easy-to-use, cost-effective configuration memory for Field Programmable
Gate Arrays. The AT17F Series device is packaged in the 8-lead LAP, 20-lead PLCC,
44-lead PLCC and 44-lead TQFP, see Table 1-1. The AT17F Series Configurator
uses a simple serial-access procedure to configure one or more FPGA devices.
The AT17F Series Configurators can be programmed with industry-standard program-
mers, Atmel’s ATDH2200E Programming Kit or Atmel’s ATDH2225 ISP Cable.
Table 1-1.
AT17F Series Packages
Package
AT17F040
AT17F080
8-lead LAP
Yes
Yes
20-lead PLCC
Yes
Yes
44-lead PLCC
–
Yes
44-lead TQFP
–
Yes
FPGA
Configuration
Flash Memory
AT17F040
AT17F080
3039I–CNFG–2/05


Similar Part No. - AT17F080

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17F080 ATMEL-AT17F080 Datasheet
340Kb / 19P
FPGA Configuration Flash Memory
AT17F080-30CU ATMEL-AT17F080-30CU Datasheet
340Kb / 19P
FPGA Configuration Flash Memory
AT17F080-30JU ATMEL-AT17F080-30JU Datasheet
340Kb / 19P
FPGA Configuration Flash Memory
AT17F080-30TQC ATMEL-AT17F080-30TQC Datasheet
340Kb / 19P
FPGA Configuration Flash Memory
AT17F080-30TQI ATMEL-AT17F080-30TQI Datasheet
340Kb / 19P
FPGA Configuration Flash Memory
More results

Similar Description - AT17F080

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17F16 ATMEL-AT17F16 Datasheet
217Kb / 18P
FPGA Configuration Flash Memory
AT17F16A ATMEL-AT17F16A Datasheet
210Kb / 15P
FPGA Configuration Flash Memory
AT17F040A ATMEL-AT17F040A Datasheet
326Kb / 16P
FPGA Configuration Flash Memory
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
FPGA Configuration Memory
AT17F040 ATMEL-AT17F040_08 Datasheet
340Kb / 19P
FPGA Configuration Flash Memory
AT17F16 ATMEL-AT17F16_08 Datasheet
333Kb / 20P
FPGA Configuration Flash Memory
AT17F32 ATMEL-AT17F32 Datasheet
252Kb / 14P
FPGA Configuration Flash Memory
AT17F16A ATMEL-AT17F16A Datasheet
290Kb / 16P
FPGA Configuration Flash Memory
AT17F32A ATMEL-AT17F32A Datasheet
190Kb / 14P
FPGA Configuration Flash Memory
AT18F010 ATMEL-AT18F010 Datasheet
347Kb / 16P
FPGA Configuration Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com