Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2DVR Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # ES2DVR
Description  200 V, 2 A hyperfast PN-rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

ES2DVR Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  ES2DVR Datasheet HTML 1Page - Nexperia B.V. All rights reserved ES2DVR Datasheet HTML 2Page - Nexperia B.V. All rights reserved ES2DVR Datasheet HTML 3Page - Nexperia B.V. All rights reserved ES2DVR Datasheet HTML 4Page - Nexperia B.V. All rights reserved ES2DVR Datasheet HTML 5Page - Nexperia B.V. All rights reserved ES2DVR Datasheet HTML 6Page - Nexperia B.V. All rights reserved ES2DVR Datasheet HTML 7Page - Nexperia B.V. All rights reserved ES2DVR Datasheet HTML 8Page - Nexperia B.V. All rights reserved ES2DVR Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Important notice
Dear Customer,
On 7 February 2017 the former NXP Standard Product business became a new company with the
tradename Nexperia. Nexperia is an industry leading supplier of Discrete, Logic and PowerMOS
semiconductors with its focus on the automotive, industrial, computing, consumer and wearable
application markets
In data sheets and application notes which still contain NXP or Philips Semiconductors references, use
the references to Nexperia, as shown below.
Instead of http://www.nxp.com, http://www.philips.com/ or http://www.semiconductors.philips.com/,
use http://www.nexperia.com
Instead of sales.addresses@www.nxp.com or sales.addresses@www.semiconductors.philips.com, use
salesaddresses@nexperia.com (email)
Replace the copyright notice at the bottom of each page or elsewhere in the document, depending on
the version, as shown below:
- © NXP N.V. (year). All rights reserved or © Koninklijke Philips Electronics N.V. (year). All rights
reserved
Should be replaced with:
- © Nexperia B.V. (year). All rights reserved.
If you have any questions related to the data sheet, please contact our nearest sales office via e-mail
or telephone (details via salesaddresses@nexperia.com). Thank you for your cooperation and
understanding,
Kind regards,
Team Nexperia


Similar Part No. - ES2DVR

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
ES2DV TSC-ES2DV Datasheet
364Kb / 6P
2A, 200V Ultra Fast Surface Mount Rectifier
Version: C2102
ES2DVH TSC-ES2DVH Datasheet
363Kb / 6P
2A, 200V Ultra Fast Surface Mount Rectifier
Version: A2102
More results

Similar Description - ES2DVR

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
ES1DR NEXPERIA-ES1DR Datasheet
229Kb / 14P
200 V, 1 A hyperfast PN-rectifier
ES1DVR NEXPERIA-ES1DVR Datasheet
230Kb / 14P
200 V, 1 A hyperfast PN-rectifier
ES2DP NEXPERIA-ES2DP Datasheet
228Kb / 14P
200 V, 2 A hyperfast PN-rectifier
ES2DR NEXPERIA-ES2DR Datasheet
225Kb / 14P
200 V, 2 A hyperfast PN-rectifier
PNE20020ER NEXPERIA-PNE20020ER Datasheet
248Kb / 13P
200 V, 2 A hyperfast recovery rectifier
3 January 2019
PNE20020AER-Q NEXPERIA-PNE20020AER-Q Datasheet
261Kb / 14P
200 V, 2 A hyperfast recovery rectifier
21 March 2023
PNE20020EP-Q NEXPERIA-PNE20020EP-Q Datasheet
244Kb / 12P
200 V, 2 A hyperfast recovery rectifier
21 March 2023
PNE20020ER-Q NEXPERIA-PNE20020ER-Q Datasheet
254Kb / 13P
200 V, 2 A hyperfast recovery rectifier
21 March 2023
PNE20020AER NEXPERIA-PNE20020AER Datasheet
260Kb / 13P
200 V, 2 A hyperfast recovery rectifier
21 March 2023
ES3DP NEXPERIA-ES3DP Datasheet
226Kb / 14P
200 V, 3 A hyperfast PN-rectifier
3 August 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com