Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2DVR Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # ES2DVR
Description  200 V, 2 A hyperfast PN-rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

ES2DVR Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button ES2DVR Datasheet HTML 6Page - Nexperia B.V. All rights reserved ES2DVR Datasheet HTML 7Page - Nexperia B.V. All rights reserved ES2DVR Datasheet HTML 8Page - Nexperia B.V. All rights reserved ES2DVR Datasheet HTML 9Page - Nexperia B.V. All rights reserved ES2DVR Datasheet HTML 10Page - Nexperia B.V. All rights reserved ES2DVR Datasheet HTML 11Page - Nexperia B.V. All rights reserved ES2DVR Datasheet HTML 12Page - Nexperia B.V. All rights reserved ES2DVR Datasheet HTML 13Page - Nexperia B.V. All rights reserved ES2DVR Datasheet HTML 14Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
NXP Semiconductors
ES2DVR
200 V, 2 A hyperfast PN-rectifier
ES2DVR
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2017. All rights reserved
Product data sheet
12 January 2017
12 / 13
In the event that customer uses the product for design-in and use in
automotive applications to automotive specifications and standards,
customer (a) shall use the product without NXP Semiconductors’ warranty
of the product for such automotive applications, use and specifications, and
(b) whenever customer uses the product for automotive applications beyond
NXP Semiconductors’ specifications such use shall be solely at customer’s
own risk, and (c) customer fully indemnifies NXP Semiconductors for any
liability, damages or failed product claims resulting from customer design and
use of the product for automotive applications beyond NXP Semiconductors’
standard warranty and NXP Semiconductors’ product specifications.
Translations — A non-English (translated) version of a document is for
reference only. The English version shall prevail in case of any discrepancy
between the translated and English versions.
Trademarks
Notice: All referenced brands, product names, service names and
trademarks are the property of their respective owners.
Bitsound, CoolFlux, CoReUse, DESFire, FabKey, GreenChip,
HiPerSmart, HITAG, I²C-bus logo, ICODE, I-CODE, ITEC, MIFARE,
MIFARE Plus, MIFARE Ultralight, SmartXA, STARplug, TOPFET,
TrenchMOS, TriMedia and UCODE — are trademarks of NXP
Semiconductors N.V.
HD Radio and HD Radio logo — are trademarks of iBiquity Digital
Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com