Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2DVR Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # ES2DVR
Description  200 V, 2 A hyperfast PN-rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

ES2DVR Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button ES2DVR Datasheet HTML 6Page - Nexperia B.V. All rights reserved ES2DVR Datasheet HTML 7Page - Nexperia B.V. All rights reserved ES2DVR Datasheet HTML 8Page - Nexperia B.V. All rights reserved ES2DVR Datasheet HTML 9Page - Nexperia B.V. All rights reserved ES2DVR Datasheet HTML 10Page - Nexperia B.V. All rights reserved ES2DVR Datasheet HTML 11Page - Nexperia B.V. All rights reserved ES2DVR Datasheet HTML 12Page - Nexperia B.V. All rights reserved ES2DVR Datasheet HTML 13Page - Nexperia B.V. All rights reserved ES2DVR Datasheet HTML 14Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
NXP Semiconductors
ES2DVR
200 V, 2 A hyperfast PN-rectifier
ES2DVR
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2017. All rights reserved
Product data sheet
12 January 2017
9 / 13
12. Package outline
08-11-06
Dimensions in mm
2.8
2.4
3.7
3.3
1.05
0.75
1.9
1.5
1
2
0.6
0.3
0.22
0.10
1.1
0.9
Fig. 15. Package outline SOD123W
13. Soldering
2.9
2.8
4.4
1.6
2.1
1.2
(2×)
1.1
(2×)
solder lands
solder resist
occupied area
solder paste
1.1
(2×)
1.2
(2×)
sod123w_fr
Dimensions in mm
Fig. 16. Reflow soldering footprint for SOD123W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com