Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRMB11 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PRMB11
Description  50 V, 100 mA PNP/PNP Resistor-Equipped double Transistors(RET)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PRMB11 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PRMB11 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PRMB11 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PRMB11 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PRMB11 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PRMB11 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PRMB11 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PRMB11 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PRMB11 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PRMB11 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PRMB11
50 V, 100 mA PNP/PNP Resistor-Equipped double Transistors
(RET)
14 September 2018
Product data sheet
1. General description
PNP/PNP Resistor-Equipped double Transistors (RET) in an ultra small DFN1412-6 (SOT1268)
leadless Surface-Mounted Device (SMD) plastic package.
NPN/NPN complement: PRMH11.
NPN/PNP complement: PRMD3.
2. Features and benefits
• 100 mA output current capability
• Built-in bias resistors
• Simplifies circuit design
• Reduces component count
• Reduces pick and place costs
• Low package height of 0.5 mm
• AEC-Q101 qualified
3. Applications
• Digital applications
• Cost-saving alternative to BC847/BC857 series in digital applications
• Control of IC inputs
• Switching loads
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
VCEO
collector-emitter
voltage
open base
-
-
-50
V
IO
output current
-
-
-100
mA
hFE
DC current gain
VCE = -5 V; IC = -5 mA; Tamb = 25 °C
30
-
-
R1
bias resistor 1
[1]
7
10
13
kΩ
R2/R1
bias resistor ratio
Tamb = 25 °C
[1]
0.8
1
1.2
[1] See section "Test information" for resistor calculation and test conditions.


Similar Part No. - PRMB11

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PRMB11 NEXPERIA-PRMB11 Datasheet
255Kb / 13P
50 V, 100 mA PNP/PNP Resistor-Equipped double Transistors (RET)
14 August 2017
PRMB11Z NEXPERIA-PRMB11Z  Datasheet
255Kb / 13P
50 V, 100 mA PNP/PNP Resistor-Equipped double Transistors (RET)
14 August 2017
PRMB11 NEXPERIA-PRMB11_V01 Datasheet
255Kb / 13P
50 V, 100 mA PNP/PNP Resistor-Equipped double Transistors (RET)
14 August 2017
More results

Similar Description - PRMB11

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PRMD2 NEXPERIA-PRMD2 Datasheet
288Kb / 14P
50 V, 100 mA NPN/PNP Resistor-Equipped double Transistors(RET)
PRMD3 NEXPERIA-PRMD3 Datasheet
287Kb / 14P
50 V, 100 mA NPN/PNP Resistor-Equipped double Transistors(RET)
PRMD10 NEXPERIA-PRMD10 Datasheet
288Kb / 14P
50 V, 100 mA NPN/PNP Resistor-Equipped double Transistors(RET)
PRMD12 NEXPERIA-PRMD12 Datasheet
288Kb / 14P
50 V, 100 mA NPN/PNP Resistor-Equipped double Transistors(RET)
PRMD13 NEXPERIA-PRMD13 Datasheet
288Kb / 14P
50 V, 100 mA NPN/PNP Resistor-Equipped double Transistors(RET)
PRMD16 NEXPERIA-PRMD16 Datasheet
288Kb / 14P
50 V, 100 mA NPN/PNP Resistor-Equipped double Transistors(RET)
NHUMB10 NEXPERIA-NHUMB10 Datasheet
297Kb / 15P
80 V, 100 mA PNP/PNP resistor-equipped double transistors
Rev. 1 - 23 July 2020
NHUMB11 NEXPERIA-NHUMB11 Datasheet
297Kb / 15P
80 V, 100 mA PNP/PNP resistor-equipped double transistors
Rev. 1 - 23 July 2020
NHUMB10_SER NEXPERIA-NHUMB10_SER Datasheet
297Kb / 15P
80 V, 100 mA PNP/PNP resistor-equipped double transistors
Rev. 1 - 23 July 2020
PDTA143EQA_SER NEXPERIA-PDTA143EQA_SER Datasheet
2Mb / 21P
50 V, 100 mA PNP resistor-equipped transistors
Rev. 1 - 18 December 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com