Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRMB11 Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # PRMB11
Description  50 V, 100 mA PNP/PNP Resistor-Equipped double Transistors(RET)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PRMB11 Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button PRMB11 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PRMB11 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PRMB11 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PRMB11 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PRMB11 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PRMB11 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PRMB11 Datasheet HTML 11Page - Nexperia B.V. All rights reserved PRMB11 Datasheet HTML 12Page - Nexperia B.V. All rights reserved PRMB11 Datasheet HTML 13Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Nexperia
PRMB11
50 V, 100 mA PNP/PNP Resistor-Equipped double Transistors (RET)
13. Soldering
SOT1268
Footprint information for reflow soldering of DFN1412-6 package
sot1268_fr
occupied area
solder paste
solder resist
solder lands
Issue date
Dimensions in mm
16-04-18
16-09-02
0.2
0.3
0.5
1.3
1.4
1.6
0.25
0.17
1.23
0.43
0.71
1.41
1.51
1.71
0.3 0.35
0.27
0.17
0.37
Fig. 12. Reflow soldering footprint for DFN1412-6 (SOT1268)
PRMB11
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
14 September 2018
10 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com