Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRMB11 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PRMB11
Description  50 V, 100 mA PNP/PNP Resistor-Equipped double Transistors(RET)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PRMB11 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PRMB11 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PRMB11 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PRMB11 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PRMB11 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PRMB11 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PRMB11 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PRMB11 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PRMB11 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PRMB11 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Nexperia
PRMB11
50 V, 100 mA PNP/PNP Resistor-Equipped double Transistors (RET)
5. Pinning information
Table 2. Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
GND1
GND (emitter) TR1
2
I1
input (base) TR1
3
O2
output (collector) TR2
4
GND2
GND (emitter) TR2
5
I2
input (base) TR2
6
O1
output (collector) TR1
7
O1
output (collector) TR1
8
O2
output (collector) TR2
Transparent top view
1
6
7
8
2
3
5
4
DFN1412-6
(SOT1268)
006aaa212
5
R1
R2
R2
TR1
TR2
R1
6
4
2
1
3
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
PRMB11
DFN1412-6
plastic thermal enhanced ultra thin small outline package; no
leads; 6 terminals; body: 1.4 mm x 1.2 mm x 0.47 mm
SOT1268
7. Marking
Table 4. Marking codes
Type number
Marking code
PRMB11
C5
PRMB11
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
14 September 2018
2 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com