Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZXAL Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # MMBZXAL
Description  Low capacitance unidirectional double ESD protection diodes
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MMBZXAL Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button MMBZXAL Datasheet HTML 6Page - Nexperia B.V. All rights reserved MMBZXAL Datasheet HTML 7Page - Nexperia B.V. All rights reserved MMBZXAL Datasheet HTML 8Page - Nexperia B.V. All rights reserved MMBZXAL Datasheet HTML 9Page - Nexperia B.V. All rights reserved MMBZXAL Datasheet HTML 10Page - Nexperia B.V. All rights reserved MMBZXAL Datasheet HTML 11Page - Nexperia B.V. All rights reserved MMBZXAL Datasheet HTML 12Page - Nexperia B.V. All rights reserved MMBZXAL Datasheet HTML 13Page - Nexperia B.V. All rights reserved MMBZXAL Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
MMBZXAL_SER_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 10 December 2009
9 of 17
NXP Semiconductors
MMBZxAL series
Low capacitance unidirectional double ESD protection diodes
[1]
In accordance with IEC 61643-321(10/1000
μs current waveform).
[2]
Measured from pin 1 or 2 to pin 3.
Cd
diode capacitance
f = 1 MHz; VR =0V
MMBZ5V6AL
-
210
280
pF
MMBZ6V2AL
-
175
230
pF
MMBZ6V8AL
-
150
200
pF
MMBZ9V1AL
-
155
200
pF
MMBZ10VAL
-
130
170
pF
MMBZ12VAL
-
110
140
pF
MMBZ15VAL
-
85
105
pF
MMBZ18VAL
-
70
90
pF
MMBZ20VAL
-
65
80
pF
MMBZ27VAL
-
48
60
pF
MMBZ33VAL
-
45
55
pF
VCL
clamping voltage
[1][2]
MMBZ5V6AL
IPPM = 3 A
--8
V
MMBZ6V2AL
IPPM = 2.76 A
-
-
8.7
V
MMBZ6V8AL
IPPM = 2.5 A
-
-
9.6
V
MMBZ9V1AL
IPPM = 1.7 A
--14
V
MMBZ10VAL
IPPM = 1.7 A
-
-
14.2
V
MMBZ12VAL
IPPM = 2.35 A
--17
V
MMBZ15VAL
IPPM = 1.9 A
--21
V
MMBZ18VAL
IPPM = 1.6 A
--25
V
MMBZ20VAL
IPPM = 1.4 A
--28
V
MMBZ27VAL
IPPM = 1 A
--40
V
MMBZ33VAL
IPPM = 0.87 A
--46
V
SZ
temperature coefficient
MMBZ5V6AL
IZ =20mA
-
1.7
-
mV/K
MMBZ6V2AL
IZ = 1 mA
-2.1
-mV/K
MMBZ6V8AL
IZ = 1 mA
-3.2
-mV/K
MMBZ9V1AL
IZ = 1 mA
-5.4
-mV/K
MMBZ10VAL
IZ = 1 mA
-6.5
-mV/K
MMBZ12VAL
IZ = 1 mA
-8.2
-mV/K
MMBZ15VAL
IZ =1mA
-
11
-
mV/K
MMBZ18VAL
IZ =1mA
-
14
-
mV/K
MMBZ20VAL
IZ = 1 mA
-
15.8
-
mV/K
MMBZ27VAL
IZ =1mA
-
23
-
mV/K
MMBZ33VAL
IZ = 1 mA
-
29.8
-
mV/K
Table 10.
Characteristics …continued
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com