Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZXAL Datasheet(PDF) 11 Page - Nexperia B.V. All rights reserved

Part # MMBZXAL
Description  Low capacitance unidirectional double ESD protection diodes
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MMBZXAL Datasheet(HTML) 11 Page - Nexperia B.V. All rights reserved

Back Button MMBZXAL Datasheet HTML 7Page - Nexperia B.V. All rights reserved MMBZXAL Datasheet HTML 8Page - Nexperia B.V. All rights reserved MMBZXAL Datasheet HTML 9Page - Nexperia B.V. All rights reserved MMBZXAL Datasheet HTML 10Page - Nexperia B.V. All rights reserved MMBZXAL Datasheet HTML 11Page - Nexperia B.V. All rights reserved MMBZXAL Datasheet HTML 12Page - Nexperia B.V. All rights reserved MMBZXAL Datasheet HTML 13Page - Nexperia B.V. All rights reserved MMBZXAL Datasheet HTML 14Page - Nexperia B.V. All rights reserved MMBZXAL Datasheet HTML 15Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
MMBZXAL_SER_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 10 December 2009
10 of 17
NXP Semiconductors
MMBZxAL series
Low capacitance unidirectional double ESD protection diodes
Tamb =25 °C
unidirectional and bidirectional
Fig 3.
Rated peak pulse power as a function of
exponential pulse duration (rectangular
waveform); typical values
Fig 4.
Relative variation of rated peak pulse power as
a function of junction temperature; typical
values
f=1MHz; Tamb =25 °C
(1) MMBZ5V6AL: unidirectional
(2) MMBZ5V6AL: bidirectional
(3) MMBZ6V8AL: unidirectional
(4) MMBZ6V8AL: bidirectional
f=1MHz; Tamb =25 °C
(1) MMBZ10VAL: unidirectional
(2) MMBZ10VAL: bidirectional
(3) MMBZ15VAL: unidirectional
(4) MMBZ15VAL: bidirectional
(5) MMBZ27VAL: unidirectional
(6) MMBZ27VAL: bidirectional
Fig 5.
Diode capacitance as a function of reverse
voltage; typical values
Fig 6.
Diode capacitance as a function of reverse
voltage; typical values
006aab320
102
10
103
PPPM
(W)
1
tp (ms)
10−2
103
102
10−1
10
1
Tj (°C)
0
200
150
50
100
006aab321
0.4
0.8
1.2
PPPM
0
PPPM(25°C)
006aab839
VR (V)
06
4
2
150
100
200
250
Cd
(pF)
50
(1)
(3)
(4)
(2)
VR (V)
015
10
5
006aab840
50
100
150
Cd
(pF)
0
(2)
(1)
(3)
(2)
(3)
(4)
(6)
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com