Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZXAL Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # MMBZXAL
Description  Low capacitance unidirectional double ESD protection diodes
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MMBZXAL Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button MMBZXAL Datasheet HTML 9Page - Nexperia B.V. All rights reserved MMBZXAL Datasheet HTML 10Page - Nexperia B.V. All rights reserved MMBZXAL Datasheet HTML 11Page - Nexperia B.V. All rights reserved MMBZXAL Datasheet HTML 12Page - Nexperia B.V. All rights reserved MMBZXAL Datasheet HTML 13Page - Nexperia B.V. All rights reserved MMBZXAL Datasheet HTML 14Page - Nexperia B.V. All rights reserved MMBZXAL Datasheet HTML 15Page - Nexperia B.V. All rights reserved MMBZXAL Datasheet HTML 16Page - Nexperia B.V. All rights reserved MMBZXAL Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
MMBZXAL_SER_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 10 December 2009
12 of 17
NXP Semiconductors
MMBZxAL series
Low capacitance unidirectional double ESD protection diodes
8.
Application information
The MMBZxAL series is designed for the protection of up to two unidirectional data or
signal lines from the damage caused by ESD and surge pulses. The devices may be used
on lines where the signal polarities are either positive or negative with respect to ground.
The MMBZ5V6AL, MMBZ6V2AL, MMBZ6V8AL, MMBZ9V1AL and MMBZ10VAL provide
a surge capability of 24 W per line, the MMBZ12VAL, MMBZ15VAL, MMBZ18VAL,
MMBZ20VAL, MMBZ27VAL and MMBZ33VAL provide a surge capability of 40 W per line,
for a 10/1000
μs waveform.
Circuit board layout and protection device placement
Circuit board layout is critical for the suppression of ESD, Electrical Fast Transient (EFT)
and surge transients. The following guidelines are recommended:
1. Place the MMBZxAL series as close to the input terminal or connector as possible.
2. The path length between the MMBZxAL series and the protected line should be
minimized.
3. Keep parallel signal paths to a minimum.
4. Avoid running protected conductors in parallel with unprotected conductors.
5. Minimize all PCB conductive loops including power and ground loops.
6. Minimize the length of the transient return path to ground.
7. Avoid using shared transient return paths to a common ground point.
8. Ground planes should be used whenever possible. For multilayer PCBs, use ground
vias.
9.
Test information
9.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
Fig 10. Typical application: ESD and transient voltage protection of data lines
006aab842
MMBZxAL
line 1 to be protected
unidirectional protection
of two lines
bidirectional protection
of one line
line 2 to be protected
GND
MMBZxAL
line 1 to be protected
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com