Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD5V0V1BCSF Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PESD5V0V1BCSF
Description  Ultra low profile bidirectional very low capacitance ESD protection diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD5V0V1BCSF Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PESD5V0V1BCSF Datasheet HTML 1Page - Nexperia B.V. All rights reserved PESD5V0V1BCSF Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESD5V0V1BCSF Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD5V0V1BCSF Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD5V0V1BCSF Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD5V0V1BCSF Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD5V0V1BCSF Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD5V0V1BCSF Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD5V0V1BCSF Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
© Nexperia B.V. 2017. All rights reserved
PESD5V0V1BCSF
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 2 September 2011
3 of 13
Nexperia
PESD5V0V1BCSF
Bidirectional very low capacitance ESD protection diode
[1]
Measured from pin 1 to pin 2.
[2]
Device stressed with ten non-repetitive ESD pulses; see Figure 2.
Table 6.
ESD maximum ratings
Symbol
Parameter
Conditions
Min
Max
Unit
VESD
electrostatic
discharge voltage
IEC 61000-4-2
(contact discharge)
[1][2] -20
kV
IEC 61000-4-2
(air discharge)
-20
kV
Table 7.
ESD standards compliance
Standard
Conditions
IEC 61000-4-2, level 4 (ESD)
> 15 kV (air)
> 8 kV (contact)
Fig 1.
8/20
s pulse waveform according to
IEC 61000-4-5
Fig 2.
ESD pulse waveform according to
IEC 61000-4-2
t (
µs)
040
30
10
20
001aaa630
40
80
120
IPP
(%)
0
e−t
100 % IPP; 8 µs
50 % IPP; 20 µs
001aaa631
IPP
100 %
90 %
t
30 ns
60 ns
10 %
tr = 0.7 ns to 1 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com