Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD5V0V1BCSF Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # PESD5V0V1BCSF
Description  Ultra low profile bidirectional very low capacitance ESD protection diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD5V0V1BCSF Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button PESD5V0V1BCSF Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD5V0V1BCSF Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD5V0V1BCSF Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD5V0V1BCSF Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD5V0V1BCSF Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD5V0V1BCSF Datasheet HTML 9Page - Nexperia B.V. All rights reserved PESD5V0V1BCSF Datasheet HTML 10Page - Nexperia B.V. All rights reserved PESD5V0V1BCSF Datasheet HTML 11Page - Nexperia B.V. All rights reserved PESD5V0V1BCSF Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
© Nexperia B.V. 2017. All rights reserved
PESD5V0V1BCSF
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 2 September 2011
8 of 13
Nexperia
PESD5V0V1BCSF
Bidirectional very low capacitance ESD protection diode
8.
Package outline
Fig 9.
Package outline PESD5V0V1BCSF (SOD962)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOD962
sod962_po
10-11-03
10-11-11
Unit
mm
max
nom
min
0.32
0.28
0.0076
0.325
0.275
0.625
0.575
0.4
0.15
0.13
A(1)
Dimensions
Note
1. Dimension A is including coating foil thickness.
2. The marking bar indicates the cathode.
Leadless ultra small package; 2 terminals; body 0.6 x 0.3 x 0.3 mm
SOD962
A1
b
0.25
0.23
DE
e1
L
0
0.5 mm
scale
A
A1
E
D
(2)
e1
L
b
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com