Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD5V0V1BCSF Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PESD5V0V1BCSF
Description  Ultra low profile bidirectional very low capacitance ESD protection diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD5V0V1BCSF Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PESD5V0V1BCSF Datasheet HTML 1Page - Nexperia B.V. All rights reserved PESD5V0V1BCSF Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESD5V0V1BCSF Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD5V0V1BCSF Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD5V0V1BCSF Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD5V0V1BCSF Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD5V0V1BCSF Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD5V0V1BCSF Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD5V0V1BCSF Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
© Nexperia B.V. 2017. All rights reserved
PESD5V0V1BCSF
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 2 September 2011
4 of 13
Nexperia
PESD5V0V1BCSF
Bidirectional very low capacitance ESD protection diode
6.
Characteristics
[1]
Non-repetitive current pulse 8/20
s exponential decay waveform according to IEC 61000-4-5;
see Figure 1.
[2]
Measured from pin 1 to pin 2.
[3]
Breakdown voltage is always symmetrical within the characterized range, which means no difference in
breakdown voltage from pin 1 to pin 2 and vice versa.
[4]
This parameter is guaranteed by design.
[5]
Calculated from S-parameter values.
[6]
Non-repetitive current pulse, Transmission Line Pulse (TLP) tp = 100 ns; square pulse;
ANS/IESD STM5.1-2008.
Table 8.
Characteristics
Tamb =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VRWM
reverse standoff
voltage
5-
5
V
IRM
reverse leakage
current
VRWM = 5 V
-
1
100
nA
VCL
clamping voltage
IPP =0.5 A
[1][2] --
11.5
V
IPP =1A
[1][2] -
-
12.8
V
VBR
breakdown voltage
IR =1mA
[3] 6-
10
V
IR = 1mA
[3]
10
-
6V
Cd
diode capacitance
f = 1 MHz
[4]
VR = 0 V
4
5.3
6
pF
VR = 2.5 V
-
4.3
5
pF
VR = 5 V
-
4.1
4.7
pF
LS
series inductance
[5] -0.05
-
nH
Rdyn
dynamic resistance
[6] -2.5
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com