Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP2G3404GS Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74AXP2G3404GS
Description  Low-power buffer and inverter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2G3404GS Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74AXP2G3404GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AXP2G3404GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AXP2G3404GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP2G3404GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP2G3404GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP2G3404GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP2G3404GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP2G3404GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP2G3404GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© Nexperia B.V. 2017. All rights reserved
74AXP2G3404
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 5 November 2015
5 of 16
Nexperia
74AXP2G3404
Low-power buffer and inverter
10. Static characteristics
[1]
Typical values are measured at VCC = 1.2 V.
Table 8.
Static characteristics
At recommended operating conditions, unless otherwise specified; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Tamb = 40 C to +85 C
Unit
Min
Typ 25
C Max 25 C Max 85 C
VIH
HIGH-level input
voltage
VCC = 0.75 V to 0.85 V
0.75
 V
CC
--
-
V
VCC = 1.1 V to 1.95 V
0.65
 V
CC
--
-
V
VCC = 2.3 V to 2.7 V
1.6
-
-
-
V
VIL
LOW-level input
voltage
VCC = 0.75 V to 0.85 V
-
-
0.25
 V
CC
0.25
 V
CC
V
VCC = 1.1 V to 1.95 V
-
-
0.35
 V
CC
0.35
 V
CC
V
VCC = 2.3 V to 2.7 V
-
-
0.7
0.7
V
VOH
HIGH-level
output voltage
IO = 20 A; VCC = 0.7 V
-
0.69
-
-
V
IO = 100 A; VCC = 0.75 V
0.65
-
-
-
V
IO = 2 mA; VCC = 1.1 V
0.825
-
-
-
V
IO = 3 mA; VCC = 1.4 V
1.05
-
-
-
V
IO = 4.5 mA; VCC = 1.65 V
1.2
-
-
-
V
IO = 8 mA; VCC = 2.3 V
1.7
-
-
-
V
VOL
LOW-level
output voltage
IO = 20 A; VCC = 0.7 V
-
0.01
-
-
V
IO = 100 A; VCC = 0.75 V
-
-
0.1
0.1
V
IO = 2 mA; VCC = 1.1 V
-
-
0.275
0.275
V
IO = 3 mA; VCC = 1.4 V
-
-
0.35
0.35
V
IO = 4.5 mA; VCC = 1.65 V
-
-
0.45
0.45
V
IO = 8 mA; VCC = 2.3 V
-
-
0.7
0.7
V
II
input leakage
current
VI = 0 V to 2.75 V;
VCC =0Vto2.75 V
[1]
-0.001
0.1
0.5
A
IOFF
power-off
leakage current
VI or VO = 0 V to 2.75 V;
VCC =0V
[1]
-0.01
0.1
0.5
A
I
OFF
additional
power-off
leakage current
VI or VO = 0 V or 2.75 V;
VCC =0Vto0.1 V
[1]
-0.02
0.1
0.5
A
ICC
supply current
VI = 0 V or VCC; IO = 0 A
[1]
-0.01
0.3
0.6
A
I
CC
additional supply
current
VI = VCC  0.5 V; IO = 0 A;
VCC =2.5 V
-
2
100
150
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com