Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP2G3404GS Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74AXP2G3404GS
Description  Low-power buffer and inverter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2G3404GS Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74AXP2G3404GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AXP2G3404GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AXP2G3404GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP2G3404GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP2G3404GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP2G3404GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP2G3404GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP2G3404GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP2G3404GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
© Nexperia B.V. 2017. All rights reserved
74AXP2G3404
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 5 November 2015
2 of 16
Nexperia
74AXP2G3404
Low-power buffer and inverter
3.
Ordering information
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AXP2G3404GM
40 C to +85 C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
 1.45  0.5 mm
SOT886
74AXP2G3404GN
40 C to +85 C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 0.9
 1.0  0.35 mm
SOT1115
74AXP2G3404GS
40 C to +85 C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 1.0
 1.0  0.35 mm
SOT1202
Table 2.
Marking
Type number
Marking code[1]
74AXP2G3404GM
rZ
74AXP2G3404GN
rZ
74AXP2G3404GS
rZ
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com