Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP2G3404GS Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74AXP2G3404GS
Description  Low-power buffer and inverter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2G3404GS Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74AXP2G3404GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP2G3404GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP2G3404GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP2G3404GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP2G3404GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP2G3404GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP2G3404GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AXP2G3404GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AXP2G3404GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
© Nexperia B.V. 2017. All rights reserved
74AXP2G3404
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 5 November 2015
7 of 16
Nexperia
74AXP2G3404
Low-power buffer and inverter
12. Waveforms
Measurement points are given in Table 10.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 6.
The data input 1A to output 1Y and input 2A to output 2Y propagation delays and output transition times
Table 10.
Measurement points
Supply voltage
Input
Output
VCC
VM
VI
tr = tf
VM
0.75 V to 2.7 V
0.5VCC
VCC
 3.0 ns
0.5VCC
Tamb = 40 C to +85 C unless otherwise specified.
(1) Minimum: VCC = 2.7 V
(2) Typical: Tamb = 25 C; VCC = 2.5 V
(3) Maximum: VCC = 2.3 V
Tamb = 40 C to +85 C unless otherwise specified.
(1) Minimum: VCC = 1.95 V
(2) Typical: Tamb = 25 C; VCC = 1.8 V
(3) Maximum: VCC = 1.65 V
Fig 7.
Additional tpd versus load capacitance
Fig 8.
Additional tpd versus load capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com