Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC52PAS Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # BC52PAS
Description  45 V/60 V/80 V, 1 A PNP medium power transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC52PAS Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  BC52PAS Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC52PAS Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC52PAS Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC52PAS Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC52PAS Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC52PAS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC52PAS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC52PAS Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC52PAS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
© Nexperia B.V. 2017. All rights reserved
BC51_52_53PAS_SER
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 19 June 2015
5 of 15
Nexperia
BC51PAS; BC52PAS; BC53PAS
45 V/60 V/80 V, 1 A PNP medium power transistors
6.
Thermal characteristics
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint.
[2]
Device mounted on an FR4 PCB, 4-layer copper, tin-plated and standard footprint.
[3]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and mounting pad for collector 1 cm2.
[4]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and mounting pad for collector 6 cm2.
[5]
Device mounted on an FR4 PCB, 4-layer copper, tin-plated and mounting pad for collector 1 cm2
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Max
Unit
Rth(j-a)
thermal resistance from junction to ambient
in free air
[1] 298
K/W
[2] 154
K/W
[3] 151
K/W
[4] 114
K/W
[5] 76
K/W
Rth(j-sp)
thermal resistance from junction to solder point
in free air
20
K/W
FR4 PCB, single-sided copper, tin-plated and standard footprint
Fig 2.
Transient thermal impedance from junction to ambient as a function of pulse duration for; typical values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com