Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC52PAS Datasheet(PDF) 11 Page - Nexperia B.V. All rights reserved

Part # BC52PAS
Description  45 V/60 V/80 V, 1 A PNP medium power transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC52PAS Datasheet(HTML) 11 Page - Nexperia B.V. All rights reserved

Back Button BC52PAS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC52PAS Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC52PAS Datasheet HTML 9Page - Nexperia B.V. All rights reserved BC52PAS Datasheet HTML 10Page - Nexperia B.V. All rights reserved BC52PAS Datasheet HTML 11Page - Nexperia B.V. All rights reserved BC52PAS Datasheet HTML 12Page - Nexperia B.V. All rights reserved BC52PAS Datasheet HTML 13Page - Nexperia B.V. All rights reserved BC52PAS Datasheet HTML 14Page - Nexperia B.V. All rights reserved BC52PAS Datasheet HTML 15Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
© Nexperia B.V. 2017. All rights reserved
BC51_52_53PAS_SER
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 19 June 2015
11 of 15
Nexperia
BC51PAS; BC52PAS; BC53PAS
45 V/60 V/80 V, 1 A PNP medium power transistors
10. Soldering
Fig 12. Reflow soldering footprint DFN2020D-3 (SOT1061D)
0.25
SOT1061D
Footprint information for reflow soldering of DFN2020D-3 package
sot1061d_fr
occupied area
solder paste
solder resist
solder lands
Issue date
Dimensions in mm
14-03-05
14-03-12
0.5 (2x)
0.5 (2x)
0.25
1
0.35
0.35
0.35
1.1
1.2
0.7 (2x)
0.6 (2x)
2.1
1.7
1.3
0.4 (2x)
0.3 (2x)
0.3
0.25
0.3
0.35
1.1
2.3
2.5
0.4
0.5
1.5
1.6
1.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com