Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC52PAS Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BC52PAS
Description  45 V/60 V/80 V, 1 A PNP medium power transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC52PAS Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BC52PAS Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC52PAS Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC52PAS Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC52PAS Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC52PAS Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC52PAS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC52PAS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC52PAS Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC52PAS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
© Nexperia B.V. 2017. All rights reserved
BC51_52_53PAS_SER
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 19 June 2015
2 of 15
Nexperia
BC51PAS; BC52PAS; BC53PAS
45 V/60 V/80 V, 1 A PNP medium power transistors
[1]
Pulse test: tp  300 ms;  0.02.
2.
Pinning information
3.
Ordering information
[1]
Valid for all available selection groups.
IC
collector current
-
-
1A
ICM
peak collector current
single pulse; tp  1ms
-
-
2A
hFE
DC current gain
VCE = 2V; IC = 150 mA
[1] 63
-
250
hFE selection -10
VCE = 2V; IC = 150 mA
[1] 63
-
160
hFE selection -16
VCE = 2V; IC = 150 mA
[1] 100
-
250
Table 2.
Quick reference data …continued
Tamb = 25 C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 3.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1base
2emitter
3
collector
Table 4.
Ordering information
Type number[1]
Package
Name
Description
Version
BC51PAS series
DFN2020D-3
plastic thermal enhanced ultra thin small
outline package; no leads; 3 terminals;
body 2
 2  0.65 mm.
SOT1061D
BC52PAS series
BC53PAS series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com