Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC68PAS Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BC68PAS
Description  20 V, 2 A NPN medium power transistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC68PAS Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BC68PAS Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC68PAS Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC68PAS Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC68PAS Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC68PAS Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC68PAS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC68PAS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC68PAS Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC68PAS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
BC68PAS_SER
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 19 June 2015
2 of 13
NXP Semiconductors
BC68PAS series
20 V, 2 A NPN medium power transistors
2.
Pinning information
3.
Ordering information
4.
Marking
5.
Limiting values
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1base
2emitter
3
collector
sym021
3
2
1
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BC68PAS
DFN2020D-3 plastic thermal enhanced ultra thin small outline
package; no leads; 3 terminals; body
2
 2  0.65 mm.
SOT1061D
BC68-25PAS
Table 4.
Marking codes
Type number
Marking code
BC68PAS
BY
BC68-25PAS
BZ
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
32
V
VCEO
collector-emitter voltage
open base
-
20
V
VEBO
emitter-base voltage
open collector
-
5
V
IC
collector current
-
2
A
ICM
peak collector current
single pulse;
tp  1ms
-3
A
IB
base current
-
0.4
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com