Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC68PAS Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # BC68PAS
Description  20 V, 2 A NPN medium power transistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC68PAS Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button BC68PAS Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC68PAS Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC68PAS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC68PAS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC68PAS Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC68PAS Datasheet HTML 9Page - Nexperia B.V. All rights reserved BC68PAS Datasheet HTML 10Page - Nexperia B.V. All rights reserved BC68PAS Datasheet HTML 11Page - Nexperia B.V. All rights reserved BC68PAS Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
BC68PAS_SER
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 19 June 2015
7 of 13
NXP Semiconductors
BC68PAS series
20 V, 2 A NPN medium power transistors
7.
Characteristics
[1]
Pulse test: tp  300 s;   0.02.
Table 7.
Characteristics
Tamb = 25 C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off current
VCB =25V; IE = 0 A
-
-
100
nA
VCB =25V; IE =0A; Tj =150 C
--10
A
IEBO
emitter-base cut-off current
VEB =5 V; IC = 0 A
-
-
100
nA
hFE
DC current gain
VCE =10V; IC =5mA
50
-
-
VCE =1V; IC = 500 mA
[1] 85
-
375
VCE =1V; IC =1A
[1] 60
-
-
VCE =1V; IC =2A
[1] 40
-
-
hFE selection -25
VCE =1V; IC = 500 mA
[1] 160
-
375
VCEsat
collector-emitter saturation
voltage
IC =1A; IB =100 mA
[1] --0.5
V
IC =2A; IB =200 mA
[1] --0.6
V
VBE
base-emitter voltage
IC =5mA; VCE =10 V
[1] --0.7
V
IC =1A; VCE =1V
[1] --1
V
fT
transition frequency
VCE =5V; IC = 50 mA; f = 100 MHz
40
170
-
MHz
Cc
collector capacitance
VCB =10V; IE = ie =0 A; f = 1 MHz
-
22
-
pF
VCE =1V
(1) Tamb = 100 C
(2) Tamb =25 C
(3) Tamb = 55 C
Tamb = 25 C
Fig 7.
DC current gain as a function of collector
current; typical values
Fig 8.
Collector current as a function of
collector-emitter voltage; typical values
006aac694
200
100
300
400
hFE
0
IC (A)
10–4
10
1
10–3
10–1
10–2
(1)
(2)
(3)
VCE (V)
05
4
23
1
006aac710
0.8
1.6
2.4
IC
(A)
0.0
IB (mA) = 10
9
8
7
6
5
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com