Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC68PAS Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # BC68PAS
Description  20 V, 2 A NPN medium power transistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC68PAS Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button BC68PAS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC68PAS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC68PAS Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC68PAS Datasheet HTML 9Page - Nexperia B.V. All rights reserved BC68PAS Datasheet HTML 10Page - Nexperia B.V. All rights reserved BC68PAS Datasheet HTML 11Page - Nexperia B.V. All rights reserved BC68PAS Datasheet HTML 12Page - Nexperia B.V. All rights reserved BC68PAS Datasheet HTML 13Page - Nexperia B.V. All rights reserved BC68PAS Datasheet HTML 14Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
BC68PAS_SER
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 19 June 2015
12 of 13
NXP Semiconductors
BC68PAS series
20 V, 2 A NPN medium power transistors
No offer to sell or license — Nothing in this document may be interpreted or
construed as an offer to sell products that is open for acceptance or the grant,
conveyance or implication of any license under any copyrights, patents or
other industrial or intellectual property rights.
Export control — This document as well as the item(s) described herein
may be subject to export control regulations. Export might require a prior
authorization from competent authorities.
Quick reference data — The Quick reference data is an extract of the
product data given in the Limiting values and Characteristics sections of this
document, and as such is not complete, exhaustive or legally binding.
Translations — A non-English (translated) version of a document is for
reference only. The English version shall prevail in case of any discrepancy
between the translated and English versions.
12.4
Trademarks
Notice: All referenced brands, product names, service names and trademarks
are the property of their respective owners.
13. Contact information
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com