Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC69PAS Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # BC69PAS
Description  20 V, 2 A PNP medium power transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC69PAS Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button BC69PAS Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC69PAS Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC69PAS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC69PAS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC69PAS Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC69PAS Datasheet HTML 9Page - Nexperia B.V. All rights reserved BC69PAS Datasheet HTML 10Page - Nexperia B.V. All rights reserved BC69PAS Datasheet HTML 11Page - Nexperia B.V. All rights reserved BC69PAS Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
BC69PAS_SER
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 19 June 2015
7 of 15
NXP Semiconductors
BC69PAS series
20 V, 2 A PNP medium power transistors
7.
Characteristics
[1]
Pulse test: tp  300 ms;  0.02
Table 7.
Characteristics
Tamb = 25 C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off current
VCB = 25 V; IE =0A
-
-
100 nA
VCB = 25 V; IE =0A; Tj = 150 C-
-
10
A
IEBO
emitter-base cut-off current
VEB = 5V;IC =0A
-
-
100 nA
hFE
DC current gain
VCE = 10 V; IC = 5mA
50
-
-
VCE = 1V; IC = 500 mA
[1] 85
-
375
VCE = 1V; IC = 1A
[1] 60
-
-
VCE = 1V; IC = 2A
[1] 40
-
-
hFE selection-16
VCE = 1V; IC = 500 mA
[1] 100
-
250
hFE selection-25
VCE = 1V; IC = 500 mA
[1] 160
-
375
VCEsat
collector-emitter saturation
voltage
IC = 1A; IB = 100 mA
[1] --
0.5
V
IC = 2A; IB = 200 mA
[1] --
0.6
V
VBE
base-emitter voltage
IC = 5mA; VCE = 10 V
[1] --
0.7
V
IC = 1A; VCE = 1V
[1] --
1V
fT
transition frequency
VCE = 5V; IC = 50 mA; f = 100 MHz
40
140
-
MHz
Cc
collector capacitance
VCB = 10 V; IE = ie =0A; f=1MHz
-
28
-
pF
VCE = 1V
(1) Tamb = 100 C
(2) Tamb =25 C
(3) Tamb = 55 C
Tamb = 25 C
Fig 7.
hFE selection -16: DC current gain as a
function of collector current; typical values
Fig 8.
hFE selection -16: Collector current as a
function of collector-emitter voltage; typical
values
006aac697
100
200
300
hFE
0
IC (A)
-10-4
-10
-1
-10-3
-10-1
-10-2
(1)
(2)
(3)
006aab403
0
IC
(A)
VCE (V)
−2.4
−1.6
−2.0
−0.8
−1.2
−0.4
0
−1
−5
−2
−3
−4
IB (mA) = −18.0
−16.2
−3.6
−5.4
−7.2
−9.0
−14.4
−12.6
−10.8
−1.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com