Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC69PAS Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BC69PAS
Description  20 V, 2 A PNP medium power transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC69PAS Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BC69PAS Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC69PAS Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC69PAS Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC69PAS Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC69PAS Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC69PAS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC69PAS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC69PAS Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC69PAS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1.
Product profile
1.1 General description
PNP medium power transistors in an ultra thin DFN2020D-3 (SOT1061D) leadless small
Surface-Mounted Device (SMD) plastic package with medium power capability and visible
and solderable side pads.
NPN complement: BC68PAS series
1.2 Features and benefits
1.3 Applications
1.4 Quick reference data
[1]
Pulse test: tp  300 ms;  0.02.
BC69PAS series
20 V, 2 A PNP medium power transistors
Rev. 1 — 19 June 2015
Product data sheet
High collector current capability
IC and ICM
Three current gain selections
Reduced Printed-Circuit Board (PCB)
area requirements
Leadless very small SMD plastic
package with medium power capability
Exposed heat sink for excellent thermal
and electrical conductivity
Suitable for Automatic Optical
Inspection (AOI) of solder joint
AEC-Q101 qualified
Linear voltage regulators
High-side switches
Battery driven devices
Power management
MOSFET drivers
Amplifiers
Table 1.
Quick reference data
Tamb = 25 C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage open base
-
-
20 V
IC
collector current
-
-
2A
ICM
peak collector current
single pulse; tp  1ms
-
-
3A
hFE
DC current gain
VCE = 1V; IC = 500 mA
[1] 85
-
375
hFE selection -16
VCE = 1V; IC = 500 mA
[1] 100
-
250
hFE selection -25
VCE = 1V; IC = 500 mA
[1] 160
-
375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com