Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC69PAS Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BC69PAS
Description  20 V, 2 A PNP medium power transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC69PAS Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BC69PAS Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC69PAS Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC69PAS Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC69PAS Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC69PAS Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC69PAS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC69PAS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC69PAS Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC69PAS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Important notice
Dear Customer,
On 7 February 2017 the former NXP Standard Product business became a new company with the
tradename Nexperia. Nexperia is an industry leading supplier of Discrete, Logic and PowerMOS
semiconductors with its focus on the automotive, industrial, computing, consumer and wearable
application markets
In data sheets and application notes which still contain NXP or Philips Semiconductors references, use
the references to Nexperia, as shown below.
Instead of http://www.nxp.com, http://www.philips.com/ or http://www.semiconductors.philips.com/,
use http://www.nexperia.com
Instead of sales.addresses@www.nxp.com or sales.addresses@www.semiconductors.philips.com, use
salesaddresses@nexperia.com (email)
Replace the copyright notice at the bottom of each page or elsewhere in the document, depending on
the version, as shown below:
- © NXP N.V. (year). All rights reserved or © Koninklijke Philips Electronics N.V. (year). All rights
reserved
Should be replaced with:
- © Nexperia B.V. (year). All rights reserved.
If you have any questions related to the data sheet, please contact our nearest sales office via e-mail
or telephone (details via salesaddresses@nexperia.com). Thank you for your cooperation and
understanding,
Kind regards,
Team Nexperia


Similar Part No. - BC69PAS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BC69PAS NEXPERIA-BC69PAS Datasheet
3Mb / 15P
20 V, 2 A PNP medium power transistors
Rev. 1 - 19 June 2015
BC69PAS_SER NEXPERIA-BC69PAS_SER Datasheet
3Mb / 15P
20 V, 2 A PNP medium power transistors
Rev. 1 - 19 June 2015
More results

Similar Description - BC69PAS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC69PA NXP-BC69PA Datasheet
266Kb / 24P
20 V, 2 A PNP medium power transistors
Rev. 7-12 October 2011
BCP69 PHILIPS-BCP69_15 Datasheet
266Kb / 24P
20 V, 2 A PNP medium power transistors
Rev. 7-12 October 2011
BCP68 PHILIPS-BCP68_15 Datasheet
1Mb / 23P
20 V, 2 A NPN medium power transistors
Rev. 8-18 October 2011
logo
Nexperia B.V. All right...
BC68PAS NEXPERIA-BC68PAS Datasheet
762Kb / 14P
20 V, 2 A NPN medium power transistors
BC68PA-Q_SER NEXPERIA-BC68PA-Q_SER Datasheet
247Kb / 13P
20 V, 2 A NPN medium power transistors
Rev. 1 - 9 May 2022
BC68PAS_SER NEXPERIA-BC68PAS_SER Datasheet
2Mb / 13P
20 V, 2 A NPN medium power transistors
Rev. 1 - 19 June 2015
BC69PAS_SER NEXPERIA-BC69PAS_SER Datasheet
3Mb / 15P
20 V, 2 A PNP medium power transistors
Rev. 1 - 19 June 2015
BC868-Q_SER NEXPERIA-BC868-Q_SER Datasheet
235Kb / 12P
20 V, 2 A NPN medium power transistors
Rev. 1 - 9 May 2022
BCP68 NEXPERIA-BCP68 Datasheet
2Mb / 23P
20 V, 2 A NPN medium power transistors
Rev. 8 - 18 October 2011
BCP69 NEXPERIA-BCP69 Datasheet
1Mb / 24P
20 V, 2 A PNP medium power transistors
Rev. 7 - 12 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com