Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMIXCSP Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # PEMIXCSP
Description  Integrated 4-, 6- and 8-channel passive filter network with ESD protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMIXCSP Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button PEMIXCSP Datasheet HTML 2Page - Nexperia B.V. All rights reserved PEMIXCSP Datasheet HTML 3Page - Nexperia B.V. All rights reserved PEMIXCSP Datasheet HTML 4Page - Nexperia B.V. All rights reserved PEMIXCSP Datasheet HTML 5Page - Nexperia B.V. All rights reserved PEMIXCSP Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMIXCSP Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMIXCSP Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMIXCSP Datasheet HTML 9Page - Nexperia B.V. All rights reserved PEMIXCSP Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
PEMIXCSP_FAM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 27 January 2012
5 of 16
NXP Semiconductors
PEMIxCSP family
4-, 6- and 8-channel passive filter network with ESD protection
7.
Application information
7.1 Insertion loss
The devices are designed as EMI/RFI filters for multichannel interfaces.
All measurements were performed in a typical 50
 NetWork Analyzer (NWA) setup as
shown in Figure 7. The measured insertion loss in a 50
 system is depicted in Figure 8.
Table 5.
Frequency characteristics
Tamb =25 C; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
il
insertion loss
Rsource =50 ; RL =50 
PEMIxCSP/RT
800 MHz < fi <3GHz
25
30
-
dB
fi =1.7 GHz
-
35
-
dB
PEMIxCSP/RW
800 MHz < fi <3GHz
27
32
-
dB
fi =1.7 GHz
-
37
-
dB
ct
crosstalk attenuation
Rsource =50 ; RL =50 ;
800 MHz < fi <3GHz
-30
-dB
f3dB
cut-off frequency
Rsource =50 ; RL =50 
PEMIxCSP/RT
-
128
-
MHz
PEMIxCSP/RW
-
98
-
MHz
Fig 7.
Frequency response setup
018aaa074
50
Ω
Vgen
50
Ω
DUT
OUT
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com