Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMIXCSP Datasheet(PDF) 12 Page - Nexperia B.V. All rights reserved

Part # PEMIXCSP
Description  Integrated 4-, 6- and 8-channel passive filter network with ESD protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMIXCSP Datasheet(HTML) 12 Page - Nexperia B.V. All rights reserved

Back Button PEMIXCSP Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMIXCSP Datasheet HTML 9Page - Nexperia B.V. All rights reserved PEMIXCSP Datasheet HTML 10Page - Nexperia B.V. All rights reserved PEMIXCSP Datasheet HTML 11Page - Nexperia B.V. All rights reserved PEMIXCSP Datasheet HTML 12Page - Nexperia B.V. All rights reserved PEMIXCSP Datasheet HTML 13Page - Nexperia B.V. All rights reserved PEMIXCSP Datasheet HTML 14Page - Nexperia B.V. All rights reserved PEMIXCSP Datasheet HTML 15Page - Nexperia B.V. All rights reserved PEMIXCSP Datasheet HTML 16Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
PEMIXCSP_FAM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 27 January 2012
11 of 16
NXP Semiconductors
PEMIxCSP family
4-, 6- and 8-channel passive filter network with ESD protection
10. Design and assembly recommendations
10.1 PCB design guidelines
It is recommended, for optimum performance, to use a Non-Solder Mask
Defined (NSMD), also known as a copper-defined design, incorporating laser-drilled
micro-vias connecting the ground pads to a buried ground-plane layer. This results in the
lowest possible ground inductance and provides the best high frequency and
ESD performance. Refer to Table 10 for the recommended Printed-Circuit Board (PCB)
design parameters.
10.2 PCB assembly guidelines for Pb-free soldering
Table 10.
Recommended PCB design parameters
Parameter
Value or specification
PCB pad diameter
250
m
Micro-via diameter
100
m (0.004 inch)
Solder mask aperture diameter
325
m
Copper thickness
20
m to 40 m
Copper finish
AuNi
PCB material
FR4
Table 11.
Assembly recommendations
Parameter
Value or specification
Solder screen aperture diameter
290
m
Solder screen thickness
100
m (0.004 inch)
Solder paste: Pb-free
SnAg (3 % to 4 %) Cu (0.5 % to 0.9 %)
Solder to flux ratio
50 : 50
Solder reflow profile
see Figure 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com